Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # 932SQL450
Description  Integrated 85 ohm differential terminations
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL450 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button 932SQL450 Datasheet HTML 15Page - Integrated Device Technology 932SQL450 Datasheet HTML 16Page - Integrated Device Technology 932SQL450 Datasheet HTML 17Page - Integrated Device Technology 932SQL450 Datasheet HTML 18Page - Integrated Device Technology 932SQL450 Datasheet HTML 19Page - Integrated Device Technology 932SQL450 Datasheet HTML 20Page - Integrated Device Technology 932SQL450 Datasheet HTML 21Page - Integrated Device Technology 932SQL450 Datasheet HTML 22Page - Integrated Device Technology 932SQL450 Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE COMMON CLOCK ARCHITECTURES
22
REVISION B 03/06/15
932SQL450 DATASHEET
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
932SQL450BGLF
Tubes
64-pin TSSOP
0 to +70° C
932SQL450BGLFT
Tape and Reel
64-pin TSSOP
0 to +70° C
932SQL450BKLF
Tray
64-pin VFQFPN
0 to +70° C
932SQL450BKLFT
Tape and Reel
64-pin VFQFPN
0 to +70° C
Rev.
Issue Date
Who Description
Page #
A
3/5/2014
RDW
1. Updated electrical table format and data to final.
2. Updated TEST_SEL pin description and TEST CLARIFICATION
TABLE to indicate that this input is a low threshold input.
3. Updated TEST LOADS and added ALTERNATE TERMINATIONS
diagrams.
4. Updated block diagram to latest format and updated pin names to
match the pinout.
5. Updated front page text to latest format
6. Move to Final.
Various
B
3/6/2015
RDW
1. Corrected typo in Powerdown Current max limit. Max limit changed
from 9mA to 10mA.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com