Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 932SQL450
Description  Integrated 85 ohm differential terminations
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL450 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 932SQL450 Datasheet HTML 4Page - Integrated Device Technology 932SQL450 Datasheet HTML 5Page - Integrated Device Technology 932SQL450 Datasheet HTML 6Page - Integrated Device Technology 932SQL450 Datasheet HTML 7Page - Integrated Device Technology 932SQL450 Datasheet HTML 8Page - Integrated Device Technology 932SQL450 Datasheet HTML 9Page - Integrated Device Technology 932SQL450 Datasheet HTML 10Page - Integrated Device Technology 932SQL450 Datasheet HTML 11Page - Integrated Device Technology 932SQL450 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE COMMON CLOCK ARCHITECTURES
8
REVISION B 03/06/15
932SQL450 DATASHEET
Functionality and CPU SAS Frequency Tables
932SQL450 Functionality
CPU
SRC
PCI
REF
NS_SAS
NS_SRC
DOT96
USB
100
100
33.33
14.318
100.00
96.00
48.00
MHz
Spread Spectrum Control Functionality
SS_Enable
(B1b0)
CPU, SRC &
PCI
0OFF
1-0.50%
932SQL450 Power Down Functionality
CKPWRGD#/PD
Differential
Outputs
Single-
ended
Outputs
Single-
ended
Outputs
w/Latch
1
Low/Low
Low
Low
1
0
1. Single-ended outputs with a Latch will be Hi-Z until
the first application of CKPWRGD#.
Running
Line
Byte6
Bit2
FS2
Byte6
Bit1
FS1
Byte6
Bit0
FS0
CPU
Speed
(MHz)
SRC
(MHz)
PCI
(MHz)
0
0
0
0
97.00
97.00
32.33
1
0
0
1
98.00
98.00
32.67
2
0
1
0
99.00
99.00
33.00
3
0
1
1
100.00
100.00
33.33
Default for 100MHz
4
1
0
0
101.00
101.00
33.67
5
1
0
1
102.00
102.00
34.00
6
1
1
0
103.00
103.00
34.33
7
1
1
1
104.00
104.00
34.67
CPU/SRC/PCI Margining Table
Line
Byte5
Bit3
FS3
Byte5
Bit2
FS2
Byte5
Bit1
FS1
Byte5
Bit0
FS0
NS_xxx
(MHz)
0
0
00
082.5
1
0
00
185.0
2
0
01
087.5
3
0
01
190.0
4
0
10
092.5
5
0
10
195.0
6
0
11
097.5
7
01
1
1
100.0
8
1
0
0
0
102.5
9
1
0
0
1
105.0
10
1
0
1
0
107.5
11
1
0
1
1
110.0
12
1
1
0
0
112.5
13
1
1
0
1
115.0
14
1
1
1
0
117.5
15
1
1
1
1
120.0
NS_SAS Margining Table
NOTE: Operation at other than the default entry is not
guaranteed. These values are for margining purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com