Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 932SQL450
Description  Integrated 85 ohm differential terminations
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL450 Datasheet(HTML) 1 Page - Integrated Device Technology

  932SQL450 Datasheet HTML 1Page - Integrated Device Technology 932SQL450 Datasheet HTML 2Page - Integrated Device Technology 932SQL450 Datasheet HTML 3Page - Integrated Device Technology 932SQL450 Datasheet HTML 4Page - Integrated Device Technology 932SQL450 Datasheet HTML 5Page - Integrated Device Technology 932SQL450 Datasheet HTML 6Page - Integrated Device Technology 932SQL450 Datasheet HTML 7Page - Integrated Device Technology 932SQL450 Datasheet HTML 8Page - Integrated Device Technology 932SQL450 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
932SQL450 REVISION B 03/06/15
1
©2015 Integrated Device Technology, Inc.
Low-Power CK420BQ Derivative for PCIe
Common Clock Architectures
932SQL450
General Description
The 932SQL450 is a low power version of the CK420BQ
synthesizer for Intel-based server platforms. It has 85-ohm
LP-HCSL outputs allowing for direct connection to 85-ohm
transmission lines. The 932SQL450 is driven with a 25MHz
crystal for maximum performance. It generates CPU outputs
of 100MHz. This device has a “low-drift” non-spread
SAS/SRC PLL for use in systems that need to communicate
across PCIe domains.
Recommended Application
Low Power CK420BQ w/Zout=85ohms or PCIe Common
Clocked Systems (CC)
Key Specifications
CPU, SRC, NS_SRC and NS_SAS cycle-cycle jitter <50ps
Output to output skew <50ps
Phase jitter: PCIe Gen2 <2.5ps rms
Phase jitter: PCIe Gen3 <0.6ps rms
Phase jitter: QPI <0.3ps rms
Phase jitter: NS-SAS <1.3ps rms using long period phase
jitter method
Features/Benefits
Integrated 85 ohm differential terminations; saves 48
resistors and 82mm2 area
LP-HCSL output drivers; 40% typical power savings over
932SQ420
0.5% down spread capable on CPU, SRC and PCI outputs;
reduce EMI
Additional down spread amounts selectable via SMBus;
maximal system flexibility
64-pin TSSOP and VFQFPN packages; smallest board
footprint
Output Features
4 - Low-Power HCSL-compatible (LP-HCSL) CPU outputs
2 - LP-HCSL NS_SAS outputs
2 - LP-HCSL NS_SRC outputs
3 - LP-HCSL SRC outputs
1 - LP-HCSL DOT96 output
1 - 3.3V 48M output
5 - 3.3V PCI outputs
1 - 3.3V 14.318M output
Pin Configurations
SMBCLK 1
64 SMBDAT
GND14 2
63 VDDCPU
AVDD14 3
62 CPU3_Z85T
VDD14 4
61 CPU3_Z85C
vREF14_2x/TEST_SELLV 5
60 CPU2_Z85T
GND14 6
59 CPU2_Z85C
GNDXTAL 7
58 GNDCPU
X1_25 8
57 VDDCPU
X2_25 9
56 CPU1_Z85T
VDDXTAL10
55CPU1_Z85C
GNDPCI 11
54 CPU0_Z85T
VDDPCI 12
53 CPU0_Z85C
PCI4_2x 13
52 GNDNS
PCI3_2x 14
51 AVDD_NS_SAS
PCI2_2x 15
50 NS_SAS1_Z85T
PCI1_2x 16
49 NS_SAS1_Z85C
PCI0_2x 17
48 NS_SAS0_Z85T
GNDPCI 18
47 NS_SAS0_Z85C
VDDPCI 19
46 GNDNS
VDD48 20
45 VDDNS
48M_2x 21
44 NS_SRC1_Z85T
GND48 22
43 NS_SRC1_Z85C
GND96 23
42 NS_SRC0_Z85T
DOT96_Z85T 24
41 NS_SRC0_Z85C
DOT96_Z85C 25
40 NC
AVDD96 26
39 GNDSRC
TEST_MODE 27
38 AVDD_SRC
CKPWRGD#/PD 28
37 VDDSRC
VDDSRC 29
36 SRC2_Z85T
SRC0_Z85T 30
35 SRC2_Z85C
SRC0_Z85C 31
34 SRC1_Z85T
GNDSRC 32
33 SRC1_Z85C
64-TSSOP
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
GNDPCI 1
48 GNDCPU
VDDPCI 2
47 VDDCPU
PCI4_2x 3
46 CPU1_Z85T
PCI3_2x 4
45 CPU1_Z85C
PCI2_2x 5
44 CPU0_Z85T
PCI1_2x 6
43 CPU0_Z85C
PCI0_2x 7
42 GNDNS
GNDPCI 841 AVDD_NS_SAS
VDDPCI 9
40 NS_SAS1_Z85T
VDD48 10
39 NS_SAS1_Z85C
48M_2x 11
38 NS_SAS0_Z85T
GND48 12
37 NS_SAS0_Z85C
GND96 13
36 GNDNS
DOT96_Z85T 14
35 VDDNS
DOT96_Z85C 15
34 NS_SRC1_Z85T
AVDD96 16
33 NS_SRC1_Z85C
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
64-Pin VFQFPN
932SQL450
EPAD = pin 65


Similar Part No. - 932SQL450

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL450BGLF RENESAS-932SQL450BGLF Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL450BGLFT RENESAS-932SQL450BGLFT Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL450BKLF RENESAS-932SQL450BKLF Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL450BKLFT RENESAS-932SQL450BKLFT Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
More results

Similar Description - 932SQL450

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100200A25X50 ANAREN-RFP-100200A25X50 Datasheet
525Kb / 2P
Alumina Terminations 20 Watts, 50 ohm
logo
KR Electronics, Inc.
2788 KR-2788 Datasheet
58Kb / 2P
85 MHz differential lowpass filter
2835 KR-2835 Datasheet
59Kb / 2P
85 MHz differential notch filter
logo
Molex Electronics Ltd.
62201-8882 MOLEX11-62201-8882 Datasheet
37Kb / 1P
Impact 85 Ohm Backplane Press-In Tool
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541 Datasheet
165Kb / 16P
Integrated terminations
logo
TE Connectivity Ltd
114-32120 TEC-114-32120 Datasheet
7Mb / 16P
3.9-mm Pitch 85-Ohm and 100-Ohm
logo
M/A-COM Technology Solu...
M21262-12 MA-COM-M21262-12 Datasheet
1Mb / 73P
Integrated loop filter and terminations
logo
Molex Electronics Ltd.
0622018813 MOLEX-0622018813 Datasheet
42Kb / 3P
Impact 85 Ohm Backplane Press-In Tool
02/26/2021
0622018821 MOLEX-0622018821 Datasheet
37Kb / 3P
Impact 85 Ohm Backplane Press-In Tool
02/27/2021
logo
Renesas Technology Corp
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com