Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 932SQL450
Description  Integrated 85 ohm differential terminations
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL450 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 932SQL450 Datasheet HTML 6Page - Integrated Device Technology 932SQL450 Datasheet HTML 7Page - Integrated Device Technology 932SQL450 Datasheet HTML 8Page - Integrated Device Technology 932SQL450 Datasheet HTML 9Page - Integrated Device Technology 932SQL450 Datasheet HTML 10Page - Integrated Device Technology 932SQL450 Datasheet HTML 11Page - Integrated Device Technology 932SQL450 Datasheet HTML 12Page - Integrated Device Technology 932SQL450 Datasheet HTML 13Page - Integrated Device Technology 932SQL450 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE COMMON CLOCK ARCHITECTURES
10
REVISION B 03/06/15
932SQL450 DATASHEET
General SMBus Serial Interface Information for 932SQL450
How to Write
Controller (host) sends a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) sends the byte count = X
IDT clock will acknowledge
Controller (host) starts sending Byte N through Byte
N+X-1
IDT clock will acknowledge each byte one at a time
Controller (host) sends a Stop bit
How to Read
Controller (host) will send a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) will send a separate start bit
Controller (host) sends the read address
IDT clock will acknowledge
IDT clock will send the data byte count = X
IDT clock sends Byte N+X-1
IDT clock sends Byte 0 through Byte X (if X(H) was
written to Byte 8)
Controller (host) will need to acknowledge each byte
Controller (host) will send a not acknowledge bit
Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
D2(H)
WR
WRite
ACK
Beginning Byte = N
ACK
Data Byte Count = X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
ACK
PstoP bit
Read Address
Write Address
D3(H)
D2(H)
Index Block Read Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
D2(H)
WR
WRite
ACK
Beginning Byte = N
ACK
RT
Repeat starT
Slave Address
D3(H)
RD
ReaD
ACK
Data Byte Count=X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
N
Not acknowledge
PstoP bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com