Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4289 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1.0V Micropower, SOT23, Operational Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V, VCM = 0, VOUT = VCC/2, RL tied to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC to GND).......................................6V
Input Voltage (IN+ or IN-) ...........................(VCC + 0.3V) to -0.3V
Input Current (IN+ or IN-)....................................................20mA
Output Short-Circuit Duration to VCC or GND ............Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C).............696mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
1.0
5.5
Supply Voltage Range
VCC
Inferred from the
PSRR tests
TA = -40°C to +85°C
1.2
5.5
V
VCC = 1.0V, TA = +25°C9
14
VCC = 3.0V
12
25
Quiescent Supply Current
ICC
VCC = 5.5V
18
40
µA
TA = +25°C
±0.2
±2.0
Input Offset Voltage
VOS
TA = TMIN to TMAX
±6.0
mV
Input Bias Current
IB
±5
±15
nA
Input Offset Current
IOS
±0.5
±2.0
nA
Differential Input Resistance
RIN
50
M
Ω
VCC = 1.2V
0
VCC - 0.2
Input Common-Mode Voltage
Range
VCM
Inferred from
CMRR test
VCC = 3.0V
0
VCC - 0.8
V
VCC = 1.2V, 0
≤ VCC - 0.2V
57
VCC = 1.2V, 0
≤ VCM ≤ VCC - 0.8V
57
85
Common-Mode Rejection Ratio
CMRR
VCC = 3.0V, 0
≤ VCM ≤ VCC - 0.8V
57
110
dB
1.0V
≤ VCC ≤ 5.5V, TA = +25°C54
75
Power-Supply Rejection Ratio
PSRR
1.2V
≤ VCC ≤ 5.5V, TA = -40°C to +85°C58
75
dB
RL = 100k
Ω (50mV ≤ VOUT ≤ VCC - 50mV)
110
Large-Signal Voltage Gain
AVOL
RL = 5k
Ω (100mV ≤ VOUT ≤ VCC - 100mV)
80
90
dB
RL = 100k
Ω
0.2
10
Output Voltage Swing High
VOH
Specified as
|VCC - VOH|
RL = 5k
Ω
740
mV
RL = 100k
Ω
0.4
10
Output Voltage Swing Low
VOL
Specified as VOL
RL = 5k
Ω
740
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com