Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4289 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.0V Micropower, SOT23, Operational Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3V, VCM = 0, VOUT = VCC/2, RL tied to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 1.0V
0.6
Output Short-Circuit Current
IOUT
Sourcing/sinking
current
VCC = 3.0V
19
mA
Power-Up Time
tPU
300
µs
Input Capacitance
CIN
3.0
pF
Gain-Bandwidth Product
GBW
17
kHz
Phase Margin
θM80
degrees
Gain Margin
GM
10
dB
Slew Rate
SR
6
V/ms
Capacitive-Load Stability
AVCL = +1V/V, no sustained oscillations
200
pF
Settling Time to 0.1%
tS
AVCL = +1V/V, no sustained oscillations
75
µs
Note 1: All specifications are 100% production tested at TA = +25°C. Temperature specification limits are guaranteed by design.
Typical Operating Characteristics
(VCC = 3V, VCM = 0, RL to VCC/2, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
0
2
6
4
12
14
10
8
16
-40
0
20
-20
40
60
80
100
TEMPERATURE (
°C)
VCC = 3V
VCC = 1V
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
1.0
0.5
1.5
2.0
2.5
3.0
INPUT OFFSET VOLTAGE
vs. INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
-0.8
-0.6
-0.2
-0.4
0.4
0.6
0.2
0
0.8
-40
0
20
-20
40
60
80
100
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com