Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4289 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1.0V Micropower, SOT23, Operational Amplifier
_______________________________________________________________________________________
5
10
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE
IN
50mV/div
OUT
50mV/div
MAX4289 toc13
200
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
IN
1V/div
OUT
1V/div
MAX4289 toc14
0.8
0.9
1.0
1.1
1.2
MINIMUM-OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
100
PSRR > 70dB
0
0.3
0.9
0.6
1.2
1.5
0
0.4
0.2
0.6
0.8
1.0
OUTPUT SINKING CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VCC = 1V
SINKING CURRENT
0
5
15
10
20
25
0
1.0
0.5
1.5
2.0
2.5
3.0
OUTPUT SINKING CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VCC = 3V
SINKING CURRENT
0
0.2
0.6
0.4
0.8
1.0
0
0.4
0.2
0.6
0.8
1.0
OUTPUT SOURCING CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VCC = 1V
SOURCING CURRENT
0
5
15
10
20
25
0
1.0
0.5
1.5
2.0
2.5
3.0
OUTPUT SOURCING CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VCC = 3V
SOURCING CURRENT
Typical Operating Characteristics (continued)
(VCC = 3V, VCM = 0, RL to VCC/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com