Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4289 Datasheet (PDF) - Maxim Integrated Products

MAX4289 Datasheet PDF - Maxim Integrated Products
Part # MAX4289
Download  MAX4289 Download
File Size   280.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0V Micropower, SOT23, Operational Amplifier

MAX4289 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4289 Datasheet PDF - Maxim Integrated Products

Part # MAX4289
Download  MAX4289 Click to download

File Size   280.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0V Micropower, SOT23, Operational Amplifier

MAX4289 Datasheet (HTML) - Maxim Integrated Products


MAX4289 Product details

General Description
The MAX4289 micropower, operational amplifier is optimized for ultra-low supply voltage operation. The amplifier consumes only 9µA of quiescent supply current and is fully specified for operation from a single 1.0V to 5.5V power supply. This ultra-low voltage operation together with the low quiescent current consumption make the MAX4289 ideal for use in battery-powered systems operated from as little as a single alkaline cell. The MAX4289 also features a wide input common-mode range that includes the ground, and an output voltage swing that is virtually Rail-to-Rail®, allowing almost all of the power supply to be used for signal voltage.

Features
♦ Ultra-Low Voltage Operation: Guaranteed Specifications from 1.0V to 5.5V
♦ Input Common-Mode Range: 0 to (VCC - 0.2V)
♦ Ultra-Low Power Consumption: 9µA Supply Current (typ)
♦ Optimized for Operation from Single-Cell Battery-Powered Systems
♦ Compatible with 3.0V and 5.0V Single-Supply Systems
♦ Low Offset Voltage: 0.2mV
♦ Low Input Bias Current: 5nA
♦ High Open-Loop Voltage Gain: 90dB
♦ Rail-to-Rail Output Stage Drives 5kΩ Load
♦ No Output Phase Reversal for Overdriven Inputs
♦ Available in a Tiny 6-Pin SOT23 (3mm ✕ 3mm)

Applications
    Single-Cell Systems
    Portable Electronic Equipment
    Battery-Powered Instrumentation
    Hearing Aids Using Zinc Air Battery
    Strain Gauges
    Cellular Phones
    Notebook Computers
    Sensor Amplifiers
    Portable Communication Devices




Similar Part No. - MAX4289

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results


Similar Description - MAX4289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100 Datasheet
267Kb / 8P
1.0V Micropower SOT23 Comparators
Rev 0; 10/00
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
2MHz,MicropowerOperationalAmplifier
May 2001
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP220 AD-OP220_02 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100_07 Datasheet
192Kb / 8P
1.0V Micropower SOT23 Comparators
Rev 1; 1/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com