Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COSF Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # COSF
Description  Custom Optical Switch Fabric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

COSF Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  COSF Datasheet HTML 1Page - OPLINK Communications Inc. COSF Datasheet HTML 2Page - OPLINK Communications Inc. COSF Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Custom Optical Switch Fabric
Applications
Optical Networking
re-configurable
Optical Channel Dedicated
(O-UPSR) or Shared (O-BLSR)
Protection
Custom Optical Switch Fabric
OFMS Series
Performance Specifications
s
t
i
n
U
Value
r
e
t
e
m
a
r
a
P
Operating Wavelength Range (λop)
1525~1570 nm
nm
Insertion Loss @ 23°C, λop
Insertion loss (over all λ, Top and SOP)
<0.5
dB
dB
<0.2
dB
dB
dB
<0.1
Polarization Dependent Loss (PDL)
Polarization Dependent Loss (PDL)
>55
dB
dB
dB
dB
dB
dB
>60
Channel Cross Talk
B
d
±0.02
ms
cycles
10 7
<10
Durability
Directbility
Wavelength Dependent Loss
at a Given Temporatuer (WDL)
C
°
<0.08
C
°
>50
>50
500
Repeatability
Switching Time
<0.1
<0.15
Oplink Communications, Inc.
Oplink custom switch fabrics are built to meet each customer's specific
system requirements for fiber optical communications.
Oplink offers variety of selections from its fiber
optical switch family and provides complete
solutions in optical, mechanical, electrical and
firmware design.
1x2 Switch
50/50% Splitter
Wavelength Dependent (WDL)
Temperature Dependent Loss (TDL 0~70ºC)
Return Loss
Return Loss
<3.4
Switch Type
mW
mm
Pigtail Type
Operating Temperature (Top)
Storage Temperature
Latching or Non-latching
Ribbon Fiber or Individual Pigtail
(L) 105 x (W) 105 x (H)14
Digital Control
- 40~85
Optical Power Handling
Module Size (8-Channel)
Electric Interface
0~70
Testing and Measurement
Oplink
Fiber Optic
Product Lines
Amplifier Components
Amplifier Modules
DWDMs
Switching/Routing/
Monitoring/Conditioning
Transmission
RGB Laser Modules
e module level performance is a composite of key component specifications. For individual
component datasheets, please refer to the Oplink switch product family (OFMS) specifications.
e following table lists a reference performance spec of Oplink C-band switch fabric. All band
(1260~1620nm) Ultra-flat 1x2 Switch and Ultra-flat 50/50% Splitter are also available.
C-Band Potection (O-UPSR) Module Spec


Similar Part No. - COSF

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
COSFI100V ZIEHL-COSFI100V Datasheet
440Kb / 2P
Active current with direction, over- and underload and cos?
More results

Similar Description - COSF

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com