Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232H Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
19
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
3.5.6 FT232H Pins used as a Fast Serial Interface
The FT232H can be configured for use with high-speed bi-directional isolated serial data. A proprietary
FTDI protocol designed to allow galvanic isolated devices to communicate synchronously with the FT232H
using just 4 signal wires (over two dual opto-isolators), and two power lines. The peripheral circuitry
controls the data transfer rate in both directions, whilst maintaining full data integrity. 12 Mbps (USB full
speed) data rates can be achieved when using the proper high speed opto-isolators (see App Note AN-
131).
When configured in this mode, the pins used and the descriptions of the signals are shown in Table 3.11.
Pin No.
Name
Type
Fast Serial Interface Configuration
Description
13
FSDI
INPUT
Fast serial data input.
14
FSCLK
INPUT
Fast serial clock input.
Clock input to FT232H chip to clock data in or out.
15
FSDO
OUTPUT
Fast serial data output.
16
FSCTS
OUTPUT
Fast serial Clear To Send signal output.
Driven low to indicate that the chip is ready to send
data
28
SIWU#
INPUT
The Send Immediate / WakeUp signal combines two
functions on a single pin. If USB is in suspend mode
(PWREN# = 1) and remote wakeup is enabled in the
EEPROM , strobing this pin low will cause the device
to request a resume on the USB Bus. Normally, this
can be used to wake up the Host PC.
During normal operation (PWREN# = 0), if this pin is
strobed low any data in the device RX buffer will be
sent out over USB on the next Bulk-IN request from
the drivers regardless of the pending packet size. This
can be used to optimize USB transfer speed for some
applications. Tie this pin to VCCIO if not used.
Table 3.11 Fast Serial Interface Configured Pin Descriptions
For a functional description of this mode, please refer to section 4.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com