Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232H Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
8
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
3.2 FT232H Pin Descriptions
This section describes the operation of the FT232H pins. Both the LQFP and the QFN packages have the
same function on each pin. The function of many pins is determined by the configuration of the FT232H.
The following table details the function of each pin dependent on the configuration of the interface. Each
of the functions is described in the following table (Note: The convention used throughout this document
for active low signals is the signal name followed by #).
Pins marked * require an EEPROM for assignment to these functions. Default is TriState, Pull-Up
Pins marked ** default to tri-stated inputs with an internal 75KΩ (approx) pull up resistor to VCCIO.
Pin marked *** default to GPIO line with an internal 75KΩ pull down resistor to GND. Using the EEPROM
this pin can be enabled USBVCC mode instead of GPIO mode.
FT232H
Pin
Pin functions (depends on configuration)
Pin
#
Pin
Name
ASYNC
Serial
(RS232)
SYNC
245 FIFO
STYLE
ASYNC
245 FIFO
ASYNC
Bit-bang
SYNC
Bit-bang
MPSSE
Fast Serial
interface
CPU Style
FIFO
FT1248
13
ADBUS0
TXD
D0
D0
D0
D0
TCK/SK
FSDI
D0
MIOSI0
14
ADBUS1
RXD
D1
D1
D1
D1
TDI/DO
FSCLK
D1
MIOSI1
15
ADBUS2
RTS#
D2
D2
D2
D2
TDO/DI
FSDO
D2
MIOSI2
16
ADBUS3
CTS#
D3
D3
D3
D3
TMS/CS
FSCTS
D3
MIOSI3
17
ADBUS4
DTR#
D4
D4
D4
D4
GPIOL0
**
TriSt-UP
D4
MIOSI4
18
ADBUS5
DSR#
D5
D5
D5
D5
GPIOL1
**
TriSt-UP
D5
MIOSI5
19
ADBUS6
DCD#
D6
D6
D6
D6
GPIOL2
**
TriSt-UP
D6
MIOSI6
20
ADBUS7
RI#
D7
D7
D7
D7
GPIOL3
**
TriSt-UP
D7
MIOSI7
21
ACBUS0
*
TXDEN
RXF#
RXF#
ACBUS0
ACBUS0
GPIOH0
**
ACBUS0
CS#
SCLK
25
ACBUS1
**
ACBUS1
TXE#
TXE#
WRSTB#
WRSTB#
GPIOH1
**
ACBUS1
A0
SS_n
26
ACBUS2
**
ACBUS2
RD#
RD#
RDSTB#
RDSTB#
GPIOH2
**
ACBUS2
RD#
MISO
27
ACBUS3
*
RXLED#
WR#
WR#
ACBUS3
ACBUS3
GPIOH3
**
ACBUS3
WR#
ACBUS3
28
ACBUS4
*
TXLED#
SIWU#
SIWU#
SIWU#
SIWU#
GPIOH4
SIWU#
SIWU#
ACBUS4
29
ACBUS5
**
ACBUS5
CLKOUT
ACBUS5
**
ACBUS5
**
ACBUS5
GPIOH5
**
ACBUS5
**
ACBUS5
ACBUS5
30
ACBUS6
**
ACBUS6
OE#
ACBUS6
ACBUS6
ACBUS6
GPIOH6
**
ACBUS6
**
ACBUS6
ACBUS6
31
ACBUS7
WRSAV# PWRSAV# PWRSAV# PWRSAV# PWRSAV#
***
GPIOH7 PWRSAV# PWRSAV# PWRSAV#
32
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
**
ACBUS8
ACBUS8
33
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
**
ACBUS9
ACBUS9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com