Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232H Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
1
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
Future Technology
Devices International Ltd
FT232H Single Channel Hi-
Speed USB to Multipurpose
UART/FIFO IC
The FT232H is a single channel USB 2.0 Hi-
Speed (480Mb/s) to UART/FIFO IC. It has the
capability of being configured in a variety of
industry standard serial or parallel interfaces.
The FT232H has the following advanced
features:
Single channel USB to serial / parallel ports
with a variety of configurations.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
USB 2.0 Hi-Speed (480Mbits/Second) and Full
Speed (12Mbits/Second) compatible.
Multi-Protocol
Synchronous
Serial
Engine
(MPSSE) to simplify synchronous serial protocol
(USB to JTAG, I2C, SPI (MASTER) or bit-bang)
design.
UART transfer data rate up to 12Mbaud.
(RS232 Data Rate limited by external level
shifter).
USB to asynchronous 245 FIFO mode for
transfer data rate up to 8 Mbyte/Sec.
USB to synchronous 245 parallel FIFO mode for
transfers upto 40 Mbytes/Sec
Supports a proprietary half duplex FT1248
interface
with
a
configurable
width,
bi-
directional data bus (1, 2, 4 or 8 bits wide).
CPU-style FIFO interface mode simplifies CPU
interface design.
Fast serial interface option.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Adjustable receive buffer timeout.
Option for transmit and receive LED drive
signals.
Bit-bang Mode interface option with RD# and
WR# strobes
Highly
integrated
design
includes
5V
to
3.3/+1.8V LDO regulator for VCORE, integrated
POR function
Asynchronous serial UART interface option with
full
hardware
handshaking
and
modem
interface signals.
Fully assisted hardware or X-On / X-Off
software handshaking.
UART Interface supports 7/8 bit data, 1/2 stop
bits, and Odd/Even/Mark/Space/No Parity.
Auto transmit enable control for RS485 serial
applications using the TXDEN pin.
Operational
mode
configuration
and
USB
Description strings configurable in external
EEPROM over the USB interface.
Configurable I/O drives strength (4, 8, 12 or
16mA) and slew rate.
Low operating and USB suspend current.
Supports self powered, bus powered and high-
power bus powered USB configurations.
UHCI/OHCI/EHCI host controller compatible.
USB Bulk data transfer mode (512 byte packets
in Hi-Speed mode).
+1.8V (chip core) and +3.3V I/O interfacing
(+5V Tolerant).
Extended -40°C to 85°C industrial operating
temperature range.
Compact 48-pin Lead Free LQFP or QFN
package
Configurable ACBUS I/O pins.


Similar Part No. - FT232H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232H FTDI-FT232H Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
logo
List of Unclassifed Man...
FT232HL-REEL ETC2-FT232HL-REEL Datasheet
1Mb / 66P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT4232H FTDI-FT4232H_10 Datasheet
1Mb / 45P
QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com