Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232H Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
2
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
1
Typical Applications
Single chip USB to UART (RS232, RS422 or
RS485)
USB to FIFO
USB to FT1248
USB to JTAG
USB to SPI
USB to I2C
USB to Bit-Bang
USB to Fast Serial Interface
USB to CPU target interface (as memory)
USB Instrumentation
USB Industrial Control
USB EPOS Control
USB MP3 Player Interface
USB FLASH Card Reader / Writers
Set Top Box - USB interface
USB Digital Camera Interface
USB Bar Code Readers
1.1 Driver Support
The FT232H requires USB device drivers (listed below), available free from http://www.ftdichip.com,
to operate. The VCP version of the driver creates a Virtual COM Port allowing legacy serial port
applications to operate over USB e.g. serial emulator application TTY. Another FTDI USB driver, the D2XX
driver, can also be used with application software to directly access the FT232H through a DLL.
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 8 and Windows 8 64-bit
Windows 7 and Windows 7 64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows XP Embedded
Windows 2000, Server 2003, Server 2008
Windows CE 4.2, 5.0, 5.2 and 6.0
Mac OS-X
Linux (2.6.39 or later)
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8 and Windows 8 64-bit
Windows 7 and Windows 7 64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows XP Embedded
Windows 2000, Server 2003, Server 2008
Windows CE 4.2, 5.0, 5.2 and 6.0
Mac OS-X
Linux (2.6.32 or later)
1.2 Part Numbers
Part Number
Package
FT232HL -xxxx
48 Pin LQFP
FT232HQ-xxxx
48 Pin QFN
Note: Packaging codes for xxxx is:
- Reel: Taped and Reel (LQFP = 1500 pieces per reel, QFN = 3000 pieces per reel)
-Tray: Tray packing, (LQFP = 250 pieces per tray, QFN =260 pieces per tray)
Please refer to section 8 for all package mechanical parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com