Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530CAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4530CAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530CAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4530CAP Datasheet HTML 1Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 2Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX4530/MAX4531/MAX4532 are low-voltage,
CMOS analog ICs configured as an 8-channel multi-
plexer (mux) (MAX4530), two 4-channel muxes
(MAX4531), and three single-pole/double-throw
switches (MAX4532). These devices are pin compatible
with the industry-standard 74HC4351/74HC4352/
74HC4353. All devices have two complementary
switch-enable inputs and address latching.
The MAX4530/MAX4531/MAX4532 operate from a sin-
gle supply of +2V to +12V, or from dual supplies of
±2V to ±6V. On-resistance (150
Ω max) is matched
between switches to 8
Ω max. Each switch can handle
rail-to-rail analog signals. Off-leakage current is only
1nA at TA = +25°C and 50nA at TA = +85°C.
All digital inputs have 0.8V and 2.4V logic thresholds,
ensuring both TTL- and CMOS-logic compatibility when
using ±5V or a single +5V supply.
________________________Applications
Battery-Operated Equipment
Data Acquisition
Test Equipment
Avionics
Networking
ATE Equipment
Audio-Signal Routing
____________________________Features
o Pin Compatible with
74HC4351/74HC4352/74HC4353
o ±2.0V to ±6V Dual Supplies
+2.0V to +12V Single Supply
o 75
ΩSignal Paths with ±5V Supplies
150
ΩSignal Paths with +5V Supply
o Rail-to-Rail Signal Handling
o tON and tOFF = 150ns and 120ns at ±4.5V
o <1
µW Power Consumption
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs
o Small, 20-Pin SSOP/SO/DIP Packages
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
V+
NO2
NO4
NO0
COM
N.C.
NO3
NO1
TOP VIEW
NO6
ADDC
N.C.
ADDB
EN2
EN1
NO5
NO7
12
11
9
10
ADDA
LE
GND
V-
NARROW DIP/WIDE SO
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
V+
NO1A
NO2A
COMA
COMB
N.C.
NO1B
NO0B
NO0A
NO3A
N.C.
ADDB
EN2
EN1
NO2B
NO3B
12
11
9
10
ADDA
LE
GND
V-
NARROW DIP/WIDE SO
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
V+
COMB
COMC
NOC
NOA
N.C.
NCB
NOB
NCC
ADDC
N.C.
ADDB
EN2
EN1
NCA
COMA
12
11
9
10
ADDA
LE
GND
V-
MAX4532
MAX4531
MAX4530
NARROW DIP/WIDE SO
LOGIC
LOGIC
LOGIC
N.C. = NOT CONNECTED
__________________________________________________________Pin Configurations
PART
MAX4530CPP
MAX4530CWP
MAX4530CAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 SO
20 SSOP
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Ordering Information continued on last page.
*
Contact factory for availability.
MAX4530C/D
0°C to +70°C
Dice*
Truth Table appears at end of data sheet.
19-1162; Rev 0; 12/96


Similar Part No. - MAX4530CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CAP MAXIM-MAX4533CAP Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CPP MAXIM-MAX4533CPP Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CSP MAXIM-MAX4533CSP Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
More results

Similar Description - MAX4530CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com