Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530CAP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4530CAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530CAP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4530CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 9Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 10Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 11Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 12Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 13Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
10
______________________________________________________________________________________
50%
0V
VADD_
VOUT
0V
VNO0
VNO7
V-
COM
V-
300
Ω
GND
ADDC
ADDB
ADDA
EN2
V+
VADD_
50
Ω
90%
90%
tTRANS
tTRANS
35pF
V+
V+
V+
VOUT
MAX4530
NO7
-3V
NO1–NO6
NO0
+3V
EN1
50%
0V
VADD_
VOUT
0V
VNO0
VNO3
V-
COM
V-
300
Ω
GND
ADDA
ADDB
EN2
V+
VADD_
50
Ω
90%
90%
tTRANS
tTRANS
35pF
V+
V+
V+
VOUT
MAX4531
NO3_
-3V
NO1_, NO2_
NO0
+3V
EN1
50%
0V
VADD_
VOUT
0V
VNC_
VNO_
V-
COM
V-
300
Ω
GND
ADD_
EN2
V+
VADD_
50
Ω
90%
90%
tTRANS
tTRANS
35pF
V+
V+
V+
VOUT
MAX4532
NC_
-3V
NO_
+3V
EN1
LE
LE
LE
Figure 1. Address Transition Time
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com