Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530CAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4530CAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530CAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4530CAP Datasheet HTML 1Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 2Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
_______________________________________________________________________________________
3
ns
60
tS
V
Setup Time, Channel
Select to Latch Enable
50
Figure 4
TA = TMIN to TMAX
TA = +25°C
ns
ns
0
TA = TMIN to TMAX
TA = TMIN to TMAX
µA
VADD_H = 2.4V, VADD_L = 0.8V
VADD_H = 2.4V, VADD_L = 0.8V
tH
µA
Hold Time, Latch Enable
to Channel Select
CONDITIONS
0
Figure 6
TA = TMIN to TMAX
TA = +25°C
150
tOFF(EN)
Enable Turn-Off Time
dB
-92
VCT
Crosstalk Between
Channels
dB
-65
VISO
Off Isolation (Note 7)
pC
1.5
5
Q
Charge Injection
(Note 3)
ns
250
tON(EN)
Enable Turn-On Time
10
150
-0.1
0.01
0.1
IADD_H, IEN_H,
ILE
V
1.5
2.4
VADD_H, VEN_H,
VLE
Logic High Threshold
ns
60
150
tTRANS
Transition Time
V
±2.0
±6
V+, V-
Power-Supply Range
µA
-10
10
I+
Positive Supply Current
µA
-10
10
I-
Negative Supply
Current
-1
1
Input Current with
Input Voltage High
-0.1
0.1
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
0.8
1.5
VADD_L, VEN_L,
VLE
Logic Low Threshold
IADD_L, IEN_L,
ILE
Input Current with
Input Voltage Low
VEN_ = VADD_ = VLE = 0V/V+,
V+ = 5.5V, V- = -5.5V
40
100
Figure 2
TA = TMIN to TMAX
TA = +25°C
V EN1 = 0V, VEN2 = 2.4V,
f = 1MHz, VGEN = 1Vp-p,
RL = 1kΩ
Figure 1
VEN2 = 0V, RL = 1kΩ,
f = 1MHz
CL = 1nF, VNO = 0V, Figure 6
VEN_ = VADD_ = VLE = 0V/V+,
V+ = 5.5V, V- = -5.5V
Figure 2
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless
otherwise noted.)
TA = +25°C
TA = +25°C
-1
0.001
1
-1
0.001
1
ns
410
tBBM
Break-Before-Make
Interval
Figure 3
TA = +25°C
250
TA = TMIN to TMAX
IGND
IGND Supply Current
µA
-10
10
VEN_ = VADD_ = VLE = 0V/V+,
V+ = 5.5V, V- = -5.5V
TA = TMIN to TMAX
ns
70
tMPW
Pulse Width,
Latch Enable
60
Figure 5
TA = TMIN to TMAX
TA = +25°C
SUPPLY
DIGITAL LOGIC INPUT
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com