Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530CAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4530CAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530CAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4530CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 9Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 10Page - Maxim Integrated Products MAX4530CAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
_______________________________________________________________________________________
7
100
0
-6
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
40
30
80
VCOM (V)
4
60
90
10
20
70
50
6
-4
0
-2
2
V± = ±2.4V
V± = ±3V
V± = ±5V
V± = ±6V
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V+ = 5V
V- = -5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
250
0
06
8
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
50
150
VCOM (V)
14
100
200
24
16
10
12
V+ = 2.4V
V+ = 3V
V+ = 5V
V+ = 10V
V+ = 12V
V- = 0V
180
02
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
100
VCOM (V)
4
60
140
160
120
80
40
15
3
TA = +25°C
TA = -55°C
TA = +85°C
TA = +125°C
V+ = 5V
V- = 0V
-5
-3
1
CHARGE INJECTION vs. VCOM
-5
5
VCOM (V)
-1
3
0
5
-4
0
-2
2
4
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
0.1
OFF-LEAKAGE vs.
TEMPERATURE
1000
TEMPERATURE (
°C)
10
1
100
-50
125
25
-25
0
75
50
100
V+ = 5.5V
V- = -5.5V
0
-90
0.1
10
100
1
1000
FREQUENCY RESPONSE
-70
-80
-60
MAX4530/1/2-08
FREQUENCY (MHz)
-50
-40
-10
-20
-30
180
-180
-100
-140
-60
-20
20
140
100
60
INSERTION LOSS
OFF ISOLATION
ON PHASE
50
Ω IN/OUT
0.1
SUPPLY CURRENT vs.
TEMPERATURE
10
TEMPERATURE (
°C)
1
-50
125
25
-25
0
75
50
100
V+ = 5V
V- = -5V
VEN = VA = 0V, 5V
I+
I-
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com