Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4552EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4552EEE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4552EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
______________________________________________________________________________________
13
Chip Topographies
COM3
IN3
IN4
COM4
NC2
NC3
V+
0.080"
(2.03mm)
0.061"
(1.55mm)
NC1
V-
NC4
GND
COM2
IN2
IN1
COM1
MAX4551
COM3
IN3
IN4
COM4
NO2
NO3
V+
0.080"
(2.03mm)
0.061"
(1.55mm)
NO1
V-
N04
GND
COM2
IN2
IN1
COM1
MAX4552
COM3
IN3
IN4
COM4
NC2
NC3
V+
0.080"
(2.03mm)
0.061"
(1.55mm)
NO1
V-
N04
GND
COM2
IN2
IN1
COM1
MAX4553
TRANSISTOR COUNT: 126
SUBSTRATE CONNECTED
TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com