Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4552EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4552EEE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4552EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V, ±10%, V- = -5V, ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
Voltages Referenced to GND
V+.....................................................................-0.3V to +13.0V
V- .....................................................................-13.0V to +0.3V
V+ to V- ............................................................-0.3V to +13.0V
All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±10mA
Peak Current into Any Terminal
(pulsed at 1ms,10% duty cycle)...................................±20mA
ESD per Method 3015.7 (IN_, COM_, V+, V-, GND) .......>2500V
IEC 1000-4-2 (NO_, NC_) ..................................................±15kV
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 9.52mW/°C above +70°C) ....................762mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Operating Temperature Ranges
MAX455_C_E ......................................................0°C to +70°C
MAX455_E_E ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
V+ = 5.5V, V- = -5.5V,
VCOM_ = ±4.5V
V+ = 5.5V, V- = -5.5V,
VCOM_ = ±4.5V, VNO_ =
4.5V
V+ = 5V, V- = -5V, VNO_
or VNC_ = +3V, 0, -3V
V+ = 5.5V, V- = -5.5V,
VCOM_ =
4.5V, VNO_ = ±4.5V
V+ = 5V, V- = -5V, VNO_
or VNC_ = ±3V, ICOM_ = 1mA
V+ = 5V, V- = -5V, VNO_
or VNC_ = ±3V, ICOM_ = 1mA
CONDITIONS
C, E
nA
ICOM_(ON)
COM_ On-Leakage Current
(Note 6)
-20
20
-2
0.01
2
nA
ICOM_(OFF)
COM_ Off-Leakage Current
(Note 6)
-10
10
nA
INO_(OFF),
INC_(OFF)
NO_, NC_ Off-Leakage Current
(Note 6)
-1
0.01
1
V
V-
V+
VCOM_, VNO_,
VNC_
Analog Signal Range
(Note 3)
Ω
10
RFLAT(ON)
COM_ to NO_, COM_ to NC_
On-Resistance Flatness
(Note 5)
48
Ω
5
∆RON
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 4)
80
120
Ω
140
RON
COM_ to NO_, COM_ to NC_
On-Resistance
14
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
C, E
+25°C
C, E
C, E
+25°C
+25°C
C, E
+25°C
C, E
+25°C
+25°C
TA
-1
0.01
1
C, E
-10
10
ANALOG SWITCH
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com