Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4552EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4552EEE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4552EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = +5V, V- = -5V, GND = 0, TA = +25°C, unless otherwise noted.)
60
100
80
70
90
110
120
130
-5
-3
-1
-2
-4
012345
ON-RESISTANCE
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
V+ = +2V
V- = -2V
V+ = +3V
V- = -3V
V+ = +4V
V- = -4V
V+ = +5V
V- = -5V
50
60
55
75
70
65
90
85
80
95
-6
-2
-4
0246
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
(DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
TA = 0°C
TA = -40°C
V+ = +5V
V- = -5V
80
120
100
160
140
180
200
02
3
1
456
ON-RESISTANCE
vs. VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +3.3V
V+ = +5V
V+ = +2.7V
V- = 0
60
90
70
80
100
110
120
130
0.0
1.5
1.0
0.5
2.5
2.0
3.5
3.0
4.0 4.5 5.0
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
(SINGLE SUPPLY)
VCOM (V)
TA = +25°C
TA = 0°C
TA = -40°C
TA = +85°C
V+ = +5V
V- = 0
0
40
20
60
120
160
140
100
80
200
180
-60
-40
-20
0
20
40
60
80
100
SCR HOLDING CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
IH-
IH+
10n
0.1p
-55
-25
0
25
75
ON- AND OFF-LEAKAGE CURRENT
vs. TEMPERATURE
1p
1n
TEMPERATURE (°C)
50
100
125
100p
10p
ON-LEAKAGE
OFF-LEAKAGE
-10
-6
-8
-2
-4
2
0
4
8
6
10
-5
-3
-2
-1
-4
012
4
35
CHARGE INJECTION
vs. VCOM
VCOM (V)
V+ = +5V
V- = 0
V+ = +5V
V- = -5V
30
90
50
70
110
130
150
170
1.0
2.5
2.0
1.5
3.5
3.0
4.5
4.0
5.0 5.5 6.0
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V+,
V-)
tON
tOFF
40
50
45
55
70
80
75
65
60
90
85
-60
-40
-20
0
20
40
60
80
100
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
tOFF
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com