Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4552EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4552EEE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4552EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4552EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
_______________________________________________________________________________________
5
Note 2:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
Guaranteed by design.
Note 4:
∆RON = ∆RON(MAX) - ∆RON(MIN).
Note 5:
Resistance flatness is defined as the difference between the maximum and minimum on-resistance values, as measured
over the specified analog signal range.
Note 6:
Leakage parameters are 100% tested at maximum rated temperature, and guaranteed by correlation at TA = +25°C.
Note 7:
Off-isolation = 20log10 [ VCOM_ / (VNC_ or VNO_) ], VCOM_ = output, VNC_ or VNO_ = input to off switch.
Note 8:
Between any two switches.
Note 9:
Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
+25°C
Charge Injection
COM_ to NO_, COM_ to NC_
On-Resistance
Q
RON
V+ = 2.7V, VCOM_ = 1.0V,
ICOM_ = 0.1mA
C, E
500
Ω
IN_ Input Logic Threshold High
VIN_H
C, E
2.0
1.1
V
IN_ Input Logic Threshold Low
CONDITIONS
C, E
VIN_L
CL = 1nF, VNO_ = 0, RS = 0,
Figure 3
+25°C
200
400
15
pC
V
0V+
VCOM_, VNO_,
VNC_
Analog Signal Range
(Note 3)
C, E
1.1
0.5
V
IN_ Input Current Logic High
or Low
IINH_, IINL_
VIN_ = 0.8V or 2.4V
C, E
-1
0.03
1
µA
+25°C
190
350
Turn-On Time
tON
VCOM_ = 1.5V, V+ = 2.7V,
Figure 1
C, E
400
ns
+25°C
160
250
Turn-Off Time
tOFF
VCOM_ = 1.5V, V+ = 2.7V,
Figure 1
C, E
300
ns
+25°C
10
50
Break-Before-Make Time Delay
(MAX4553 Only)
tBBM
VCOM_ = 1.5V, V+ = 3.6V,
Figure 2
ns
+25°C
-1
0.05
1
V+ Supply Current
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
I+
V+ = 3.6V, all VIN_ = 0 or V+
C, E
-1
1
µA
TA
SWITCH DYNAMIC CHARACTERISTICS (Note 4)
POWER SUPPLY
+25°C
±8
Contact Discharge IEC 1000-4-2
+25°C
±15
+25°C
±15
Human Body Model
On NC_ and NO_ Pins
per IEC 801-2
kV
Air Discharge IEC 1000-4-2
+25°C
±2.5
MIL-STD-883C Method 3015
All Pins
kV
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
ESD PROTECTION
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com