Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4591CSE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4591CSE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591CSE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4591CSE Datasheet HTML 1Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 2Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 3Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4591/MAX4592/MAX4593 are high-speed,
precision, quad, single-pole/single-throw (SPST) analog
switches designed to operate at +12V or +15V. The
MAX4591 has four normally closed (NC) switches, and
the MAX4592 has four normally open (NO) switches.
The MAX4593 has two NO and two NC switches. All
three devices offer low leakage (100pA max) and fast
switching speeds (tON
≤ 80ns, tOFF ≤ 45ns).
With a +12V supply, the MAX4591/MAX4592/MAX4593
offer guaranteed 1
Ω max channel-to-channel matching,
20
Ω max on-resistance (RON), and 1.75Ω max RON flat-
ness over the specified range.
These switches are also fully specified for single +15V
operation, with 16
Ω max RON, 1.5Ω max RON match,
and 1.5
Ω max flatness. For low-voltage or dual-supply
operation, refer to the MAX391 data sheet.
These low-voltage switches also offer 5pC max charge
injection, and electrostatic discharge (ESD) protection
is greater than 2000V, per Method 3015.7.
Applications
Test Equipment
Sample-and-Hold Circuits
Disk Drives
Guidance and Control Systems
Tape Drives
Military Radios
Audio and Video
Communications Systems
Switching
PBX, PABX
Heads-Up Displays
Features
o Low 16Ω On-Resistance
o Fast Switching Times: tON = 50ns, tOFF = 30ns
o Guaranteed 1Ω max On-Resistance Match
Between Channels
o Guaranteed 1.75Ω max On-Resistance Flatness
over Signal Range
o Guaranteed 5pC max Charge Injection
o Improved Leakage over Temperature: 5nA max at
+85°C
o ESD >2000V per Method 3015.7
o +12V or +15V Single-Supply Operation
o Pin Compatible with DG611/DG612/DG613,
DG211/DG212/DG213
High-Speed, Single-Supply,
Quad, SPST Analog Switches
________________________________________________________________ Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
TSSOP/SO/DIP
MAX4592
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
TSSOP/SO/DIP
MAX4591
LOGIC
SWITCH
0
1
ON
OFF
TSSOP/SO/DIP
MAX4593
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX4593
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4591
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX4592
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
N.C. = NO CONNECTION
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-1539; Rev 0; 2/00
Ordering Information continued at end of data sheet.
16 TSSOP
-40°C to +85°C
MAX4591EUE
16 Plastic DIP
-40°C to +85°C
MAX4591EPE
16 Narrow SO
-40°C to +85°C
MAX4591ESE
16 Narrow SO
0°C to +70°C
MAX4591CSE
16 TSSOP
0°C to +70°C
MAX4591CUE
PIN-PACKAGE
TEMP. RANGE
PART
16 Plastic DIP
0°C to +70°C
MAX4591CPE
Ordering Information
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX4591CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX459 MAXIM-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4591CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com