Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5003C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 5Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 11Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 12Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VCC regulator has a lockout line that shorts the N-chan-
nel MOSFET driver output to ground if the VCC LDO is
not regulating. VCC feeds all circuits except the VCC
lockout logic, the undervoltage lockout, and the power
regulators.
The preferred method for powering the MAX5003 is to
start with the high-voltage power source (at V+ or ES,
depending on the application), then use a bootstrap
source from the same converter with an output voltage
higher than the VDD regulator turn-off voltage (10.75V)
to power VDD. This will disable the power consumption
of the VDD LDO. It is also possible to power the
MAX5003 with no bootstrap source from ES or V+, but
do not exceed the maximum allowable power dissipa-
tion. The current consumption of the part is mostly a
function of the operating frequency and the type of
external power switch used—in particular, the total
charge to be supplied to the gate.
A reference output of 3V nominal is externally available
at the REF pin, with a current sourcing capability of
1mA. A lockout circuit shuts off the oscillator and the
output driver if REF falls 200mV below its set value.
Minimize loading at REF, since the REF voltage is the
source for the FB voltage, which is the regulator set
point when the error amplifier is used. Any changes in
VREF will be proportionally reflected in the regulated
output voltage of the converter.
Undervoltage Lockout, Feed Forward,
and Shutdown
The undervoltage lockout feature disables the controller
when the voltage at INDIV is below 1.2V (120mV hys-
teresis). When INDIV rises higher than 1.2V plus the
hysteresis (typically 1.32V), it allows the controller to
start. An external resistive divider connected between
the power line and AGND generates the INDIV signal.
INDIV is also used as the signal for the fast input volt-
age feed-forward circuit.
Always connect INDIV to a voltage divider. It is not a
“don’t care” condition; the signal is used to set the fast
feed-forward circuit (see the Oscillator and Ramp
Generator section).
Choose R2 (Figure 2) between 25k
Ω to 500kΩ and cal-
culate R1 to satisfy the following equation:
where VSUL = system undervoltage lockout and
VINDIVLO = INDIV undervoltage lockout.
The undervoltage lockout function allows the use of the
INDIV pin as a shutdown pin with an external switch to
ground. The shutdown circuit must not affect the resis-
tive divider during normal operation.
Current-Sense Comparator
The current-sense (CS) comparator and its associated
logic limit the current through the power switch. Current
is sensed at CS as a voltage across a sense resistor
between the external MOSFET source and PGND.
Connect CS to the external MOSFET source through a
100
Ω resistor or RC lowpass filter (Figures 2 and 3).
See CS Resistor in the Component Selection section.
A blanking circuit shunts CS to ground when the power
MOSFET switch is turned off, and keeps it there for
70ns after turn-on. This avoids false trips caused by the
switching transients. The blanking circuit also resets
the RC filter, if used. When VCS > 100mV, the power
MOSFET is switched off. The propagation delay from
the time the switch current reaches the trip level to the
driver turn-off time is 240ns. If the current limit is not
used, the CS pin must be connected to PGND.
Error Amplifier
The internal error amplifier is one of the building blocks
that gives the MAX5003 its flexibility. Its noninverting
input is biased at 1.5V, derived from the internal 3V ref-
erence. The inverting input is brought outside (FB pin)
and is the regulation feedback connection point. If the
error amplifier is not used, connect this pin to ground.
The output is available for the frequency compensation
network and for connection to the input of the PWM
comparator (CON). Unity-gain frequency is 1.2MHz,
open-circuit gain is 80dB, and the amplifier is unity-
gain stable. To eliminate long overload recovery times,
there are clamps limiting the output excursions close to
the range limits of the PWM ramp. The voltage at the
noninverting input of the error amplifier is the regulator
set point, but is not accessible.
Set-point voltage can be measured, if needed, by con-
necting COMP and FB and measuring that node with
respect to ground. The error amplifier is powered from
the VCC rail.
PWM Comparator
The pulse-width modulator (PWM) comparator stage
transforms the error signal into a duty cycle by comparing
the error signal with a linear ramp. The ramp levels are
0.5V min and 2.5V max. The comparator has a typical
hysteresis of 5.6mV and a propagation delay of 100ns.
The output of the comparator controls the external FET.
Soft-Start
The soft-start feature allows converters built using the
MAX5003 to apply power to the load in a controllable
soft ramp, thus reducing start-up surges and stresses.
RR
V
V
SUL
INDIVLO
12
1
=−


High-Voltage PWM
Power-Supply Controller
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com