Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5003C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 2Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 3Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 4Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 5Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High-Voltage PWM
Power-Supply Controller
6
_______________________________________________________________________________________
0
2
3
4
5
6
7
8
9
10
0
5
10
15
20
VCC LOAD REGULATION
ICC (mA)
1
V+ = VES = 12V TO 36V
VDD = UNCONNECTED
0
50
150
100
300
250
200
350
12
13
14
15
16
MAXIMUM FREQUENCY vs. INPUT VOLTAGE
AND FET TOTAL GATE-SWITCHING CHARGE
V+ (V)
25nC
30nC
10nC
15nC
20nC
Pin Description
Typical Operating Characteristics (continued)
(VDD = +12V, RFREQ = 200k
Ω, RMAXTON = 200kΩ, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
1
V+
Preregulator Input. Connect to the power line for use with 25V to 110V line voltages. Bypass V+ to ground
with a 0.1µF capacitor, close to the IC. Connects internally to the drain of a depletion FET preregulator.
2
INDIV
Undervoltage Sensing and Feed-Forward Input. Connect to the center point of an external resistive divider
connected between the main power line and AGND. Undervoltage lockout takes over and shuts down
the controller when VINDIV < 1.2V. INDIV bias is typically 0.01µA.
PIN
3
ES
Preregulator Output. When V+ ranges above 36V, bypass ES to AGND with a 0.1µF capacitor close to
the IC. When V+ is always below 36V, connect ES to V+.
4
FREQ
Oscillator Frequency Adjust and Synchronization Input. In internal free-running mode, the voltage on this
pin is internally regulated to 1.25V. Connect a resistor between this pin and AGND to set the PWM fre-
quency. Drive between VIL and VIH at four times the desired frequency for external synchronization.
8
COMP
Compensation Connection. Output of the error amplifier, available for compensation.
7
CON
Control Input of the PWM Comparator
6
REF
Reference Voltage Output (3.0V). Bypass to AGND with a 0.1µF capacitor.
5
SS
Soft-Start Capacitor Connection. Ramp time to full current limit is approximately 0.5ms/nF. Limits duty
cycle when VSS < VCON.
10
MAXTON
Maximum On-Time Programming. A resistor from MAXTON to AGND sets the PWM gain and limits the
maximum duty cycle. The voltage on MAXTON tracks the voltage on the INDIV pin. Maximum on-time is
proportional to the value of the programming resistor. The maximum duty cycle is limited to 75%, regard-
less of the programming resistor.
9
FB
Feedback Input. Regulates to VFB = VREF / 2 = 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com