Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5003C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 11Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 12Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 13Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 14Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 15Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
where:
DC = Duty cycle. Set to calculated minimum duty
cycle at VMIN.
PWRIN = Input power, at maximum output power
This gives an inductance value (LPRI) of approxi-
mately 65µH.
5) The other parameter that defines the transformer is
peak current. This is given by:
The peak secondary current is the peak primary cur-
rent multiplied by the turns ratio, or 0.8A · 8 = 6.4A.
Calculating the minimum duty cycle:
With these numbers, the transformer manufacturer
can choose a core.
6) For this application, the MAX5003 must be pro-
grammed for a maximum duty cycle of 55% at 36V.
The MAX5003 will automatically scale the limit with
the reciprocal of the input voltage as it changes. The
duty-cycle limit for an input voltage of 72V will be
27% (half of 55%). The duty cycle needed to stay out
of continuous conduction at 72V is 37%, so there is a
10% margin. The maximum duty time scales with the
voltage at the undervoltage lockout pin, VINDIV. The
voltage at INDIV is set by selecting the power line
undervoltage lockout trip point. The trip point for this
system, running from 36V to 72V, is 32V. Then INDIV
must be connected to the center point of a divider
with a ratio of 32/1.25, connected between the
power line and ground. Then RMAXTON is:
R
V
V
kHz
DC
V
k
V
V
kHz
kHz
kk
MAXTON
MIN
UVL
SW
MAX
MIN
=


ƒ


()
= 






=
%
%
%
100
75
200
36
32
100
300
55
75
200
55
Ω
ΩΩ
DC
DC
V
V
V
V
MIN
MAX
IN MAX
IN MIN
()
(
)
()
()
%
. %
==
=
⋅⋅
43
36
72
21 5
I
2 PWR
L
2 6.25W
65 H 300kHz
0.8A
PRI
IN
PRI
SW
=
ƒ
==
⋅
⋅
⋅
⋅
µ
High-Voltage PWM
Power-Supply Controller
______________________________________________________________________________________
13
10
µF
0.1
µF
51k
1.3k
RCS
0.1
Ω
0.1
µF
0.1
µF
470nF
62k
V+
INDIV
ES
FREQ
SS
REF
CON
COMP
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
VDD
VCC
NDRV
PGND
CS
AGND
MDC217
IRFD620S
LP
65
µH
MAXTON
FB
R2
39k
R1
1M
33
µF
0.1
µF
100
Ω
+5V
1A
-
51
Ω
680
Ω
240k
6
7
5
2
1
22
µF
0.01
µF
3900pF
24.9k
24.9k
TL431
4.7
µF
22
µF
MAX5003
VIN
0V
XFACOILTRCTX03
CMSD4448
MBRS130L
8
2
5
7
9, 10
11, 12
-48V
-36V TO -72V
Figure 3. Application Example 2: Isolated -48V to +5V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com