Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5003C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 11Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 12Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 13Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
It also determines power-up sequencing when several
converters are used.
Upon power turn-on, the SS pin acts as a current sink
to reset any capacitance attached to it. Once REF has
exceeded its lockout value, SS sources a current to the
external capacitor, allowing the converter output volt-
age to ramp up. Full output voltage is reached in
approximately 0.45s/µF.
The SS pin is an overriding extra input to the PWM
comparator. As long as its voltage is lower than VCON,
it overrides VCON and SS determines the level at which
the duty cycle is decided by the PWM comparator.
After exceeding VCON, SS no longer controls the duty
cycle. Its voltage will keep rising up to VCC.
Oscillator and Ramp Generator
The MAX5003 oscillator generates the ramp used by
the comparator, which in turn generates the PWM digi-
tal signal. It also controls the maximum on-time feature
of the controller. The oscillator can operate in two
modes: free running and synchronized (sync). A single
pin, FREQ, doubles as the attachment point for the fre-
quency programming resistor and as the synchroniza-
tion input. The mode recognition is automatic, based on
the voltage level at the FREQ pin.
In free-running mode, a 1.25V source is internally
applied to the pin; the oscillator frequency is propor-
tional to the current out of the pin through the program-
ming resistor, with a proportionality constant of
16kHz/µA.
In sync mode, the signal from the external master gen-
erator must be a digital rectangular waveform running
at four times the desired converter switching frequency.
Minimum acceptable signal pulse width is 150ns, posi-
tive or negative, and the maximum frequency is
1.2MHz.
When the voltage at FREQ is forced above 2.7V, the
oscillator goes into sync mode. If left at or below 1.5V for
more than 8µs to 20µs, it enters free-running mode.
The master clock generator cannot be allowed to stop
at logic zero. If the system design forces such a situa-
tion, an inverter must be used at the FREQ pin.
In sync mode, the oscillator signal is divided by four and
decoded. The output driver is blocked during the last
phase of the division cycle, giving a hardwired maximum
on-time of 75%. In free-running mode, the oscillator duty
cycle is 75% on, and the off portion also blocks the out-
put driver. The maximum on-time is then absolutely limit-
ed to 75% in either mode. Maximum on-time can be
controlled to values lower than 75% by a programming
resistor at the MAXTON pin.
The PWM ramp generated goes from 0.5V min to 2.5V
max, and the maximum time on is the time it takes from
low to high.
MAXTON is internally driven to VINDIV and a resistor
must be connected from MAXTON to AGND, to pro-
gram the maximum on-time.
The ramp slope is directly proportional to VINDIV and
inversely proportional to RMAXTON. Since the ramp volt-
age limits are fixed, controlling the ramp slope sets the
maximum time on.
Changing the ramp slope while VCON remains constant
also changes the duty cycle and the energy transferred to
the load per cycle of the converter. The INDIV signal is a
fraction of the input voltage, so the fast input voltage feed-
forward works by modifying the duty cycle in the same
clock period, in response to an input voltage change.
Calculate the maximum duty cycle as:
where:
DMAX = Maximum duty cycle (%)
MAXTON = Maximum on-time
T = Switching period
Then:
where:
RMAXTON = Resistor from the MAXTON pin to ground
VINDIV = Voltage at the INDIV pin
ƒSW = Output switching frequency
MAXTON can then be calculated as:
N-Channel MOSFET
Output Switch Driver
The MAX5003 output drives an N-channel MOSFET
transistor. The output sources and sinks relatively large
currents, supplying the gate with the charge the tran-
sistor needs to switch. These are current spikes only,
since after the switching transient is completed the load
is a high-value resistance. The current is supplied from
the VCC rail and must be sourced by a large-value
MAXTON
RV
k
V
kHz
MAXTON
INDIV
=
Ω
⋅⋅
⋅⋅
075
1 25
200
100
.
.
D
0.75 100
R
200k
1.25V
V
100kHz
MAX
MAXTON
INDIV
SW
=
⋅
Ω




ƒ


D
MAXTON
T
MAX =
⋅ 100
High-Voltage PWM
Power-Supply Controller
10
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com