Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670D-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBLP670D-R
Description  Dome Type PLCC2 LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670D-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBLP670D-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
QBLP670D Series
Dome Type PLCC2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670D Series
Date: January 19, 2015
Page 10 of 13
Version# 1.4
Recommended Handling Precautions
1. It is recommended to store the products in sealed and anti-static bags with desiccant inside at the
following condition:
 Humidity: <60% RH
 Temperature: 5°C~30°C
2. Shelf life in sealed bag: 12 month at 5°C~30°C and <60% R.H
3. After the package is opened:
3.1 The products should be used within a week (168 hours)
3.2 Or product should be stored at
≦ 20% RH and (5°C~30°C) with zip-lock sealed bag
3.3 It is recommended to bake before soldering when the package is unsealed after 72hrs;
3.3.1 Baking condition (Tape and Reel Type): 60±3°C (24~36 hrs) and < 5% RH
3.4 Products require baking before soldering/mounting if 3.1 or 3.2 is not met. Baking condition
refers to 3.3.1
4. If the product is not used within 3 months since manufacturing date, it is recommended to bake for
24 hrs @ 60°C before use.
5. If the product is not used after 3 months since manufacturing date, it is recommended to bake for
36~48 hrs @ 60°C before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com