Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670D-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QBLP670D-R
Description  Dome Type PLCC2 LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670D-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QBLP670D-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QBLP670D Series
Dome Type PLCC2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670D Series
Date: January 19, 2015
Page 12 of 13
Version# 1.4
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per Reel
QBLP670D-R
QBLP670D-R
Iv=3500mcd typ. @ IF=20mA /
λD=620nm to 630nm
2,000 units
QBLP670D-S
QBLP670D-S
Iv=900mcd typ. @ IF=20mA /
λD=625nm to 635nm
2,000 units
QBLP670D-Y
QBLP670D-Y
Iv=1700mcd typ. @ IF=20mA /
λD=585nm to 595nm
2,000 units
QBLP670D-O
QBLP670D-O
Iv=2000mcd typ. @ IF=20mA /
λD=600nm to 610nm
2,000 units
QBLP670D-AG
QBLP670D-AG
Iv=400mcd typ. @ IF=20mA /
λD=565nm to 576nm
2,000 units
QBLP670D-IG
QBLP670D-IG
Iv=4200mcd typ. @ IF=20mA /
λD=520nm to 530nm
2,000 units
QBLP670D-BG
QBLP670D-BG
Iv=3400mcd typ. @ IF=20mA /
λD=500nm to 510nm
2,000 units
QBLP670D-IB
QBLP670D-IB
Iv=900mcd typ. @ IF=20mA /
λD=465nm to 475nm
2,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com