Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670D-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP670D-R
Description  Dome Type PLCC2 LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670D-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBLP670D-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
QBLP670D Series
Dome Type PLCC2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670D Series
Date: January 19, 2015
Page 6 of 13
Version# 1.4
Dominant Wavelength λ
D for True Green @ IF=20mA
Bin
Min.
Max.
Unit
U
520
522.5
nm
V
522.5
525
W
525
527.5
X
527.5
530
Dominant Wavelength λ
D for True Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant Wavelength λ
D for Cyan @ IF=20mA
Bin
Min.
Max.
Unit
M
500
502.5
nm
N
502.5
505
O
505
507.5
P
507.5
510
Dominant W
avelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
G
465
467.5
nm
H
467.5
470
I
470
472.5
J
472.5
475
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of dominant wavelength: ±1nm
Tolerance of measurement of luminous intensity: ±15%
All parameters are measured by QT-Brightek equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com