Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670D-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP670D-R
Description  Dome Type PLCC2 LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670D-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP670D-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670D-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
QBLP670D Series
Dome Type PLCC2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670D Series
Date: January 19, 2015
Page 4 of 13
Version# 1.4
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP670D-R
Red
20
2.0
2.5
620
625
630
2000
3500
QBLP670D-S
Deep Red
20
2.0
2.5
625
630
635
500
900
QBLP670D-Y
Yellow
20
2.1
2.5
585
590
595
1000
1700
QBLP670D-AG
Yellow
Green
20
2.0
2.5
565
570
576
200
400
QBLP670D-O
Orange
20
2.0
2.5
600
605
610
1250
2000
QBLP670D-IG
True Green
20
3.3
3.7
520
525
530
2500
4200
QBLP670D-BG
Cyan
20
3.3
3.7
500
505
510
2000
3400
QBLP670D-IB
Blue
20
3.2
3.7
465
470
475
500
900
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
AlInGaP
75
30
125
5
-40 ~ +80
-40 ~ +85
InGaN
111
30
125
5
-40 ~+80
-40 ~+85
*Duty 1/8 @ 1KHz
Forward Voltage VF for AlInGaP @ IF=20mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Forward Voltage VF for InGaN @ IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com