Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5233EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
9
DYNAMIC RESPONSE FALL TIME
(MAX5233)
MAX5232/MAX5233 toc22
2
µs/div
VOUT
1V/div
VCS
5V/div
4.096V
5V
0
10mV
ANALOG CROSSTALK
(MAX5232)
MAX5232/MAX5233 toc23
400
µs/div
OUTB
5mV/div
AC-COUPLED
OUTA
2V/div
ANALOG CROSSTALK
(MAX5233)
MAX5232/MAX5233 toc24
400
µs/div
OUTB
5mV/div
AC-COUPLED
OUTA
5V/div
DIGITAL FEEDTHROUGH
(MAX5232)
MAX5232/MAX5233 toc25
10
µs/div
OUTA
1mV/div
AC-COUPLED
SCLK
2V/div
DIGITAL FEEDTHROUGH
(MAX5233)
MAX5232/MAX5233 toc26
10
µs/div
OUTA
1mV/div
AC-COUPLED
SCLK
5V/div
MAJOR-CARRY TRANSITION
(MAX5232)
MAX5232/MAX5233 toc27
2
µs/div
OUTA
100mV/div
AC-COUPLED
CS
5V/div
MAJOR-CARRY TRANSITION
(MAX5233)
MAX5232/MAX5233 toc28
2
µs/div
OUTA
100mV/div
AC-COUPLED
CS
5V/div
REFERENCE VOLTAGE
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
1.2335
1.2340
1.2345
1.2350
1.2330
-40
85
NO LOAD
REFERENCE VOLTAGE
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
2.4615
2.4620
2.4625
2.4630
2.4610
-40
85
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5k
Ω, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com