Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5233EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
7
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (MAX5233)
DIGITAL INPUT CODE
1000
875
750
625
500
375
250
125
0
-0.050
-0.025
0
0.025
0.050
0.075
-0.075
SUPPLY CURRENT vs. TEMPERATURE
(MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
410
420
430
440
450
400
-40
85
SUPPLY CURRENT vs. TEMPERATURE
(MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
410
420
430
440
450
400
-40
85
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5232)
SUPPLY VOLTAGE (V)
3.3
3.0
405
410
415
420
425
430
400
2.7
3.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5233)
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
465
470
475
480
485
490
460
4.50
5.50
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
-15
10
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.40
-40
85
NO LOAD
TWO-DACs SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
205
210
215
220
225
230
200
-40
85
NO LOAD
ONE-DAC SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
305
310
315
320
325
330
300
-40
85
NO LOAD
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
-15
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.4
-40
85
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5k
Ω, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com