Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5233EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
5
Note 1: Accuracy is guaranteed as shown in the following table:
Note 2: Offset is measured at the code closest to 12mV.
Note 3: Temperature coefficient is determined by the box method in which the maximum
∆VOUT over the temperature range is
divided by
∆T.
Note 4: DC crosstalk is measured as follows: set DAC A to midscale, and DAC B to zero, and measure DAC A output; then change
DAC B to full scale, and measure
∆VOUT for DAC A. Repeat the same measurement with DAC A and DAC B interchanged.
DC crosstalk is the maximum
∆VOUT measured.
Note 5: Accuracy is better than 1LSB for VOUT_ = 12mV to VDD - 180mV.
Note 6: Guaranteed by design, not production tested.
Note 7: RLOAD =
∞ and digital inputs are at either VDD or DGND.
ACCURACY GUARANTEED
VDD
(V)
FROM CODE
TO CODE
3
6
1023
5
3
1023
TIMING CHARACTERISTICS—MAX5233
(VDD = +4.5V to +5.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Figures 1 and 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Clock Period
tCP
74
ns
SCLK Pulse Width High
tCH
30
ns
SCLK Pulse Width Low
tCL
30
ns
CS Fall to SCLK Rise Setup Time
tCSS
30
ns
SCLK Rise to
CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
30
ns
DIN Hold Time
tDH
0ns
CLOAD = 200pF
45
100
SCLK Rise to DOUT Valid
Propagation Delay Time
tDO1
CLOAD = 100pF
30
ns
CLOAD = 200pF
45
100
SCLK Fall to DOUT Valid
Propagation Delay Time
tDO2
CLOAD = 100pF
30
ns
SCLK Rise to
CS Fall Delay
tCS0
10
ns
CS Rise to SCLK Rise Hold Time
tCS1
30
ns
CS Pulse Width High
tCSW
75
ns
LDAC Pulse Width Low
tLDL
30
ns
CS Rise to LDAC Rise Hold Time
tCSLD
(Note 8)
40
ns
ELECTRICAL CHARACTERISTICS—MAX5232 (continued)
(VDD = +2.7V to +3.6V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Power-Supply Voltage
VDD
2.7
3.6
V
Power-Supply Current (Note 7)
IDD
420
475
µA
Full power-down mode
0.9
5
One DAC shutdown mode
320
360
Power-Supply Current in Power-Down
and Shutdown Modes (Note 7)
Both DACs shutdown mode
220
245
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com