Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5233EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5232/MAX5233 low-power, dual 10-bit voltage-
output digital-to-analog converters (DACs) feature an
internal 10ppm/°C precision bandgap voltage reference
and precision output amplifiers. The MAX5233 operates
on a single 5V supply with an internal 2.465V reference
and features a 4.092V full-scale output range. The
MAX5232 operates on a single 3V supply with an internal
1.234V reference and features a 2.046V full-scale output
range. The MAX5233 consumes only 470µA while the
MAX5232 consumes only 420µA of supply current. Both
devices feature low-power (2µA) software- and hard-
ware-enabled shutdown modes.
The MAX5232/MAX5233 feature a 13.5MHz SPI™-,
QSPI™-, and MICROWIRE™-compatible 3-wire serial
interface. An additional data output (DOUT) allows for
daisy-chaining and read back. Each DAC has a double-
buffered digital input. The MAX5232/MAX5233 feature
two software-selectable shutdown output impedances:
1k
Ω or 200kΩ. A power-up reset feature sets DAC out-
puts at ground or at the midscale DAC code.
The MAX5232/MAX5233 are specified over the extended
temperature range (-40°C to +85°C) and are available in
16-pin QSOP packages.
Applications
Industrial Process Controls
Automatic Test Equipment
Digital Offset and Gain Adjustment
Motion Control
µP-Controlled Systems
Features
o Internal 10ppm/°C Precision Bandgap Reference
2.465V (MAX5233)
1.234V (MAX5232)
o 30ppm/°C (max) Full-Scale Output Range
4.092V (MAX5233)
2.046V (MAX5232)
o Single-Supply Operation
5V (MAX5233)
3V (MAX5232)
o Low Supply Current
470µA (MAX5233)
420µA (MAX5232)
o 13.5MHz SPI/QSPI/MICROWIRE-Compatible,
3-Wire Serial Interface
o Pin-Programmable Power-Up Reset State to Zero
or Midscale Output Voltage
o Programmable Shutdown Modes with 1kΩ or
200k
Ω Internal Output Loads
o Recalls Output State Prior to Shutdown or Reset
o Buffered Output Drives 5kΩ || 100pF Loads
o Space-Saving 16-Pin QSOP Package
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2331; Rev 1; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Functional Diagram appears at end of data sheet.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor, Corp.
PART
TEMP RANGE
PIN-
PACKAGE
INL
(LSB)
MAX5232EEE
-40°C to +85°C
16 QSOP
±0.5
MAX5233EEE
-40°C to +85°C
16 QSOP
±0.5
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OSA
OSB
OUTB
VDD
AGND
REF
PDL
DOUT
DGND
TOP VIEW
MAX5232
MAX5233
QSOP
OUTA
RSTV
CS
DIN
CLR
LDAC
SCLK
Pin Configuration


Similar Part No. - MAX5233EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5233EEE+ MAXIM-MAX5233EEE+ Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
More results

Similar Description - MAX5233EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com