Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST111 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  ST111 Datasheet HTML 1Page - Seiko Instruments Inc ST111 Datasheet HTML 2Page - Seiko Instruments Inc ST111 Datasheet HTML 3Page - Seiko Instruments Inc ST111 Datasheet HTML 4Page - Seiko Instruments Inc ST111 Datasheet HTML 5Page - Seiko Instruments Inc ST111 Datasheet HTML 6Page - Seiko Instruments Inc ST111 Datasheet HTML 7Page - Seiko Instruments Inc ST111 Datasheet HTML 8Page - Seiko Instruments Inc ST111 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-T111 Series
Seiko Instruments Inc.
3
Product Name Structure
• Users can select the product type, output voltage for the S-T111 Series. Refer to “1. Product name”
regarding the contents of product name, “2. Package” regarding the package drawings, “3. Product
name list” regarding details of the product name.
1. Product name
S-T111 x xx MC - xxx TF x
Output voltage
15 to 55
(e.g. when the output voltage is 1.5 V,
it is expressed as 15.)
IC direction in tape specifications
*1
Package name (abbreviation)
MC: SOT-23-5
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
Product name (abbreviation)
*2
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
*1. Refer to the tape drawing.
*2. Refer to the product name list.
*3. Refer to “3. ON/OFF pin” in “ Operation”.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com