Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST111 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button ST111 Datasheet HTML 10Page - Seiko Instruments Inc ST111 Datasheet HTML 11Page - Seiko Instruments Inc ST111 Datasheet HTML 12Page - Seiko Instruments Inc ST111 Datasheet HTML 13Page - Seiko Instruments Inc ST111 Datasheet HTML 14Page - Seiko Instruments Inc ST111 Datasheet HTML 15Page - Seiko Instruments Inc ST111 Datasheet HTML 16Page - Seiko Instruments Inc ST111 Datasheet HTML 17Page - Seiko Instruments Inc ST111 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.3.1_00
Seiko Instruments Inc.
14
Characteristics (Typical Data)
(1) Output Voltage vs. Output current (when load current increases)
S-T111B15 (Ta
= 25°C)
S-T111B30 (Ta
= 25°C)
0
100
200
300
400
500
600
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN
= 1.8 V
2.5 V
6.5 V
200
300
400
500
100
0
600
VIN
= 3.3 V
4.0 V
6.5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IOUT [mA]
IOUT [mA]
S-T111B50 (Ta
= 25°C)
200
300
400
100
0
VIN
= 5.3 V
6.0 V
6.5 V
500
6
5
4
3
2
1
0
600
Remark In determining the output current, attention
should be paid to the following.
1)
The minimum output current value
and footnote *5 in the “ Electrical
Characteristics”
2)
The package power dissipation
IOUT [mA]
(2) Output voltage vs. Input voltage
S-T111B15 (Ta
= 25°C)
S-T111B30 (Ta
= 25°C)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IOUT
= 1 mA
30 mA
50 mA
3.5
3.0
2.5
2.0
1.5
1.0
3.1
3.0
2.9
2.8
2.7
2.6
2.5
IOUT
= 1 mA
30 mA
50 mA
5.0
4.5
4.0
3.5
3.0
2.5
VIN [V]
VIN [V]
S-T111B50 (Ta
= 25°C)
IOUT
= 1 mA
30 mA
50 mA
5.5
5.0
4.5
4.0
3.5
3.0
2.5
7.0
6.0
5.0
4.0
3.0
2.0
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com