Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST111 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button ST111 Datasheet HTML 8Page - Seiko Instruments Inc ST111 Datasheet HTML 9Page - Seiko Instruments Inc ST111 Datasheet HTML 10Page - Seiko Instruments Inc ST111 Datasheet HTML 11Page - Seiko Instruments Inc ST111 Datasheet HTML 12Page - Seiko Instruments Inc ST111 Datasheet HTML 13Page - Seiko Instruments Inc ST111 Datasheet HTML 14Page - Seiko Instruments Inc ST111 Datasheet HTML 15Page - Seiko Instruments Inc ST111 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.3.1_00
Seiko Instruments Inc.
12
3. ON/OFF pin
This pin starts and stops the regulator.
When the ON/OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in
P-channel MOS FET output transistor between the VIN pin and the VOUT pin is turned off, reducing
current consumption significantly. The VOUT pin becomes the VSS level due to the internally divided
resistance of several M
Ω between the VOUT pin and the VSS pin.
The structure of the ON/OFF pin is as shown in Figure 12. Since the ON/OFF pin is neither pulled down
nor pulled up internally, do not use it in the floating status. In addition, note that the current consumption
increases if a voltage of 0.3 V to VIN – 0.3 V is applied to the ON/OFF pin. When not using the ON/OFF
pin, connect it to the VSS pin in the product A type, and connect it to the VIN pin in B type.
Table 5
Product Type
ON/OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A
“L”: ON
Operate
Set value
ISS1
A
“H”: OFF
Stop
VSS level
ISS2
B
“L”: OFF
Stop
VSS level
ISS2
B
“H”: ON
Operate
Set value
ISS1
VSS
ON/OFF
VIN
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com