Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST111 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button ST111 Datasheet HTML 12Page - Seiko Instruments Inc ST111 Datasheet HTML 13Page - Seiko Instruments Inc ST111 Datasheet HTML 14Page - Seiko Instruments Inc ST111 Datasheet HTML 15Page - Seiko Instruments Inc ST111 Datasheet HTML 16Page - Seiko Instruments Inc ST111 Datasheet HTML 17Page - Seiko Instruments Inc ST111 Datasheet HTML 18Page - Seiko Instruments Inc ST111 Datasheet HTML 19Page - Seiko Instruments Inc ST111 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.3.1_00
Seiko Instruments Inc.
16
(5) Output voltage vs. Ambient temperature
S-T111B15
S-T111B30
1.60
1.55
1.50
1.45
1.40
25
–25
75
100
–50
0
50
0
25
–50
–25
50
75
100
3.20
3.15
3.10
3.05
3.00
2.95
2.90
2.85
2.80
Ta [
°C]
Ta [
°C]
S-T111B50
100
75
50
25
0
–25
–50
5.3
5.2
5.1
5.0
4.9
4.8
4.7
Ta [
°C]
(6) Current consumption vs. Input voltage
S-T111B15
S-T111B30
120
100
80
60
40
20
0
8
6
4
2
0
85°C
25°C
–40°C
6
4
2
0
120
100
80
60
40
20
0
8
85°C
25°C
–40°C
VIN [V]
VIN [V]
S-T111B50
0
2
4
6
8
120
100
80
60
40
20
0
25°C
–40°C
85°C
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com