Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6034 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6034
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6034 Datasheet HTML 5Page - Maxim Integrated Products MAX6034 Datasheet HTML 6Page - Maxim Integrated Products MAX6034 Datasheet HTML 7Page - Maxim Integrated Products MAX6034 Datasheet HTML 8Page - Maxim Integrated Products MAX6034 Datasheet HTML 9Page - Maxim Integrated Products MAX6034 Datasheet HTML 10Page - Maxim Integrated Products MAX6034 Datasheet HTML 11Page - Maxim Integrated Products MAX6034 Datasheet HTML 12Page - Maxim Integrated Products MAX6034 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VIN = 2.7V for MAX6034_21/25, VIN = 5V for MAX6034_30/33/41, IOUT = 0, TA = +25°C, unless otherwise noted.) (Note 6)
VOUT
10mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 0
ILOAD =
±10µA
VOUT = 2.5V
MAX6034 toc18
VOUT
2mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 1
µF
ILOAD =
±10µA
VOUT = 2.5V
MAX6034 toc19
VOUT
2mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_41
LOAD TRANSIENT
CLOAD = 1
µF
ILOAD =
±10µA
VOUT = 4.096V
MAX6034 toc21
VOUT
10mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_41
LOAD TRANSIENT
MAX6034 toc20
CLOAD = 0
ILOAD =
±10µA
VOUT = 4.096V
VOUT
20mV/div
AC-COUPLED
IOUT
+1mA
-0.2mA
1ms
MAX6034_25
LOAD TRANSIENT
MAX6034 toc23
CLOAD = 1
µF
ILOAD = +1mA/-0.2mA
VOUT = 2.5V
VOUT
100mV/div
AC-COUPLED
IOUT
+1mA
-0.2mA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 0
ILOAD = +1mA/-0.2mA
VOUT = 2.5V
MAX6034 toc22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com