Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6034 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6034
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6034 Datasheet HTML 2Page - Maxim Integrated Products MAX6034 Datasheet HTML 3Page - Maxim Integrated Products MAX6034 Datasheet HTML 4Page - Maxim Integrated Products MAX6034 Datasheet HTML 5Page - Maxim Integrated Products MAX6034 Datasheet HTML 6Page - Maxim Integrated Products MAX6034 Datasheet HTML 7Page - Maxim Integrated Products MAX6034 Datasheet HTML 8Page - Maxim Integrated Products MAX6034 Datasheet HTML 9Page - Maxim Integrated Products MAX6034 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS–MAX6034_41 (VOUT = 4.096V)
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6034A_41 (±0.2%)
4.088
4.096
4.104
Output Voltage
VOUT
TA = +25°C
MAX6034B_41 (±0.4%)
4.080
4.096
4.112
V
MAX6034A_41
730
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
MAX6034B_41
775
ppm/°C
Line Regulation
∆VOUT/
∆VIN
(VOUT + 200mV)
≤ VIN ≤ 5.5V
50
350
µV/V
Sourcing: 0
≤ IOUT ≤ 1mA
0.35
1.5
Load Regulation
∆VOUT/
∆IOUT
Sinking: 0
≤ IOUT ≤ 200µA
3.4
9.8
mV/mA
Short to GND
13
OUT Short-Circuit Current
ISC
Short to IN
7
mA
Dropout Voltage
VIN - VOUT
IOUT = 1mA (Note 5)
70
200
mV
Temperature Hysteresis
∆VOUT/
cycle
(Note 3)
100
ppm
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25°C90
ppm/
1000hr
DYNAMIC
f = 0.1Hz to 10Hz
90
µVP-P
Noise Voltage
eOUT
f = 10Hz to 10kHz
105
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 5V
±100mV, f = 120Hz
73
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value,
COUT = 50pF
260
µs
Capacitive-Load Stability Range
COUT
(Note 4)
01
µF
INPUT
Supply Voltage Range
VIN
Guaranteed by line-regulation test
VOUT
+ 0.2
5.5
V
Quiescent Supply Current
IIN
95
125
µA
Change in Supply Current Per
Change in Input Voltage
∆IIN/∆VIN
(VOUT + 200mV)
≤ VIN ≤ 5.5V
4.7
16
µA/V
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX as specified.
Note 2: Temperature coefficient is measured by the “box” method, i.e. the maximum
∆VOUT / VOUT is divided by the maximum ∆T.
Note 3: Temperature hysteresis is defined as the change in +25°C output voltage after cycling the device from TMIN to TMAX.
Note 4: Not production tested. Guaranteed by design.
Note 5: Dropout voltage is defined as the minimum differential voltage (VIN - VOUT) at which VOUT decreases by 0.2% from its
original value at VIN = 5.0V (VIN = 2.7V for MAX6034_25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com