Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6034 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6034
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6034 Datasheet HTML 1Page - Maxim Integrated Products MAX6034 Datasheet HTML 2Page - Maxim Integrated Products MAX6034 Datasheet HTML 3Page - Maxim Integrated Products MAX6034 Datasheet HTML 4Page - Maxim Integrated Products MAX6034 Datasheet HTML 5Page - Maxim Integrated Products MAX6034 Datasheet HTML 6Page - Maxim Integrated Products MAX6034 Datasheet HTML 7Page - Maxim Integrated Products MAX6034 Datasheet HTML 8Page - Maxim Integrated Products MAX6034 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS–MAX6034_21 (VOUT = 2.048V)
(VIN = 2.7V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN ...........................................................................-0.3V to +6.0V
OUT .............................................................-0.3V to (VIN + 0.3V)
Output Short Circuit to GND or IN..............................Continuous
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.9mW/°C above +70°C) .............235mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6034A_21 (±0.2%)
2.044
2.048
2.052
Output Voltage
VOUT
TA = +25°C
MAX6034B_21 (±0.4%)
2.040
2.048
2.056
V
MAX6034A_21
7
30
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
MAX6034B_21
7
75
ppm/°C
Line Regulation
∆VOUT/
∆VIN
2.5V
≤ VIN ≤ 5.5V
33
220
µV/V
Sourcing: 0
≤ IOUT ≤ 1mA
0.25
1.0
Load Regulation
∆VOUT/
∆IOUT
Sinking: 0
≤ IOUT ≤ 200µA
2.1
62
mV/mA
Short to GND
12
OUT Short-Circuit Current
ISC
Short to IN
4
mA
Temperature Hysteresis
∆VOUT/
cycle
(Note 3)
100
ppm
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25°C90
ppm/
1000hr
DYNAMIC
f = 0.1Hz to 10Hz
45
µVP-P
Noise Voltage
eOUT
f = 10Hz to 10kHz
46
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 2.7V
±100mV, f = 120Hz
80
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value,
COUT = 50pF
85
µs
Capacitive-Load Stability Range
COUT
(Note 4)
0
1
µF
INPUT
Supply Voltage Range
VIN
Guaranteed by line-regulation test
2.5
5.5
V
Quiescent Supply Current
IIN
85
115
µA
Change in Supply Current Per
Change in Input Voltage
∆IIN/∆VIN
2.5V
≤ VIN ≤ 5.5V
4.1
16
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com