Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6034 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6034
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6034 Datasheet HTML 3Page - Maxim Integrated Products MAX6034 Datasheet HTML 4Page - Maxim Integrated Products MAX6034 Datasheet HTML 5Page - Maxim Integrated Products MAX6034 Datasheet HTML 6Page - Maxim Integrated Products MAX6034 Datasheet HTML 7Page - Maxim Integrated Products MAX6034 Datasheet HTML 8Page - Maxim Integrated Products MAX6034 Datasheet HTML 9Page - Maxim Integrated Products MAX6034 Datasheet HTML 10Page - Maxim Integrated Products MAX6034 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
_______________________________________________________________________________________
7
Typical Operating Characteristics
(VIN = 2.7V for MAX6034_21/25, VIN = 5V for MAX6034_30/33/41, IOUT = 0, TA = +25°C, unless otherwise noted.) (Note 6)
SOURCE CURRENT (mA)
4
3
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0
05
MAX6034_41
DROPOUT VOLTAGE vs. SOURCE CURRENT
(VOUT = 4.096V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
SINK CURRENT (mA)
0.8
0.6
0.4
0.2
0.05
0.10
0.15
0
01.0
MAX6034_25
DROPOUT VOLTAGE vs. SINK CURRENT
(VOUT = 2.500V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
SOURCE CURRENT (mA)
4
3
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0
05
MAX6034_25
DROPOUT VOLTAGE vs. SOURCE CURRENT
(VOUT = 2.500V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
85
90
95
100
105
110
80
-40
85
VIN = 5.5V
VIN = 2.7V
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
90
95
100
105
85
2.5
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
400
200
600
800
1000
MAX6034_41
LONG-TERM DRIFT
(VOUT = 4.096V)
TIME (hr)
4.098
4.097
4.096
4.095
4.094
0400
200
600
800
1000
MAX6034_21
LONG-TERM DRIFT
(VOUT = 2.048V)
TIME (hr)
2.050
2.049
2.048
2.047
2.046
TEMPERATURE (
°C)
60
35
10
-15
4.090
4.094
4.098
4.102
4.106
4.086
-40
85
MAX6034_41
OUTPUT VOLTAGE TEMPERATURE DRIFT
(VOUT = 4.096V)
THREE TYPICAL PARTS
TEMPERATURE (
°C)
60
35
10
-15
2.045
2.047
2.049
2.051
2.053
2.043
-40
85
MAX6034_21
OUTPUT VOLTAGE TEMPERATURE DRIFT
(VOUT = 2.048V)
THREE TYPICAL PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com