Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX607
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX607 Datasheet HTML 4Page - Maxim Integrated Products MAX607 Datasheet HTML 5Page - Maxim Integrated Products MAX607 Datasheet HTML 6Page - Maxim Integrated Products MAX607 Datasheet HTML 7Page - Maxim Integrated Products MAX607 Datasheet HTML 8Page - Maxim Integrated Products MAX607 Datasheet HTML 9Page - Maxim Integrated Products MAX607 Datasheet HTML 10Page - Maxim Integrated Products MAX607 Datasheet HTML 11Page - Maxim Integrated Products MAX607 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
_______________________________________________________________________________________
9
The on/off times are determined by the input and output
voltages:
tON = K / VIN
tOFF = 0.5 · K / (VOUT + VDIODE - VIN)
K is typically 3µs-V for the MAX606 and 6µs-V for the
MAX607. This factor is chosen to set the optimum
switching frequency and the one-cycle current limit,
which determines the no-load output ripple at low out-
put-to-input voltage differentials. The factor of 0.5 in the
off-time equation is the typical switch off-time ratio. This
ratio guarantees high efficiency under a heavy load by
allowing the inductor to operate in continuous-conduc-
tion mode. For example, a switch off-time ratio of 1
would cause the device to operate on the edge of dis-
continuous-conduction mode.
To determine the actual switch off-time ratio for a par-
ticular device, measure tON, tOFF, VIN, and VOUT, and
then solve for the ratio by substituting these values into
the off-time equation.
Unlike PWM converters, the MAX606/MAX607 generate
variable-frequency switching noise. However, the
amplitude of this noise does not exceed the product of
the switch current limit and the output capacitor equiva-
lent series resistance (ESR). Traditional clocked-PFM or
pulse-skipping converters cannot make this claim.
Output Voltage Selection
The MAX606/MAX607 output voltage is pin-program-
mable to 5V and 12V, and also adjustable to voltages
between VIN and 12.5V. Connect FB to IN for a 5V out-
put, to GND for a 12V output, or to a resistive divider
between the output and GND for an adjustable output.
Always connect OUT to the output.
UNDER-
VOLTAGE
LOCKOUT
DUAL
MODE
REF
CURRENT-LIMIT
COMPARATOR
ERROR
COMPARATOR
TIMING CIRCUIT
tON
tOFF
CONTROL
LOGIC
EN
ON
INH
OFF
SHDN
FB
INT/EXT
FB
5V/12V
OUT
SS
PGND
INTERNAL
POWER
1
Ω SWITCH
LX
IN
VREF
DRIVER
RLIM
MAX606
MAX607
Figure 3. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com