Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX607
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX607 Datasheet HTML 1Page - Maxim Integrated Products MAX607 Datasheet HTML 2Page - Maxim Integrated Products MAX607 Datasheet HTML 3Page - Maxim Integrated Products MAX607 Datasheet HTML 4Page - Maxim Integrated Products MAX607 Datasheet HTML 5Page - Maxim Integrated Products MAX607 Datasheet HTML 6Page - Maxim Integrated Products MAX607 Datasheet HTML 7Page - Maxim Integrated Products MAX607 Datasheet HTML 8Page - Maxim Integrated Products MAX607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
_______________________________________________________________________________________
5
400
0
1x100
1x101
MAX606
MAXIMUM OUTPUT CURRENT
vs. INDUCTOR VALUE
150
100
50
300
250
200
350
INDUCTOR VALUE (
µH)
A: VOUT = 5V, VIN = 3.3V
B: VOUT = 12V, VIN = 5V
C: VOUT = 12V, VIN = 3.3V
A
B
C
400
0
1x100
1x101
MAX607
MAXIMUM OUTPUT CURRENT
vs. INDUCTOR VALUE
150
100
50
300
250
200
350
INDUCTOR VALUE (
µH)
A: VOUT = 5V, VIN = 3.3V
B: VOUT = 12V, VIN = 5V
C: VOUT = 12V, VIN = 3.3V
A
B
C
20,800
0
1x101
1x102
1x103
1x104
1x105
START-UP DELAY vs. SOFT START
CAPACITOR
400
200
SOFT-START CAPACITOR (pF)
800
600
1200
1000
1600
1400
1800
A: MAX607 VOUT = 12V
B: MAX606 VOUT = 12V
C: MAX607 VOUT = 5V
D: MAX606 VOUT = 5V
A
B
D
C
VIN = 3.3V
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
ILOAD = 1mA, INPUT = 3.3V, CSS = 10nF, COUT = 2 x 0.68µF
MAX606
START-UP DELAY AND INRUSH CURRENT
INPUT
200mA/div
OUTPUT
5V/div
SHDN
2V/div
200mA
12V
2V
50
µs/div
ILOAD = 1mA, INPUT = 3.3V, CSS = 10nF, COUT = 4.7µF
MAX607
START-UP DELAY AND INRUSH CURRENT
INPUT
200mA/div
OUTPUT
5V/div
SHDN
2V/div
400mA
12V
2V
100
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com