Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX607
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX607 Datasheet HTML 4Page - Maxim Integrated Products MAX607 Datasheet HTML 5Page - Maxim Integrated Products MAX607 Datasheet HTML 6Page - Maxim Integrated Products MAX607 Datasheet HTML 7Page - Maxim Integrated Products MAX607 Datasheet HTML 8Page - Maxim Integrated Products MAX607 Datasheet HTML 9Page - Maxim Integrated Products MAX607 Datasheet HTML 10Page - Maxim Integrated Products MAX607 Datasheet HTML 11Page - Maxim Integrated Products MAX607 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
______________________________________________________________________________________
11
Diode Selection
The MAX606/MAX607’s high switching frequency
demands a high-speed rectifier. Use a Schottky diode
with at least a 0.5A average current rating and a 1.2A
peak current rating, such as an MBR0520L. See Table
3 for a list of component suppliers.
Capacitor Selection
Output Filter Capacitor
The output voltage ripple is a function of the output
capacitor’s equivalent series resistance (ESR) and
capacitance. For best performance, use ceramic
capacitors. Higher-ESR capacitors, such as tantalums,
will cause excessive ripple. See Table 3 for a list of
component suppliers.
The output voltage ripple is approximately 100mVp-p
for the 12V Standard Application Circuit (Figure 1) and
50mV for the 5V circuit (Figure 2). To further reduce this
ripple, or to reduce the ripple on a different application
circuit, increase the value of the output filter capacitor.
If this capacitor is low ESR (e.g., ceramic), the output
voltage ripple will be dominated by this capacitance.
Input Bypass Capacitors
For applications where the MAX606/MAX607 are physi-
cally close to the input supply’s filter capacitor (e.g., in
PCMCIA drivers from the host computer), the input
bypass capacitor may not be necessary.
In other applications where the MAX606/MAX607 are
more than a few inches away from the supply (such as
memory cards), the input bypass capacitor is needed
to reduce reflected current ripple to the supply and
improve efficiency by creating a low-impedance path
for the ripple current. Under these circumstances, the
associated high Q and low ESR of ceramic capacitors
do not diminish the problem. Therefore, include some
low-Q, moderate-ESR capacitance (e.g., tantalum) at
the input in order to reduce ringing.
Layout
The MAX606/MAX607’s high-frequency operation and
high peak currents make PC board layout critical to
minimize ground bounce and noise. Locate input
bypass and output filter capacitors as close to the
device pins as possible. All connections to OUT (and to
FB when operating in adjustable-output mode) should
also be kept as short as possible. A ground plane is
recommended. Solder GND and PGND directly to the
ground plane. Refer to the MAX606/MAX607 evaluation
kit manual for a suggested surface-mount layout.
___________________Chip Topography
LX
0.084"
(2.134mm)
0.058"
(1.473mm)
LX
LX
OUT
SS
GND
PGND
PGND
PGND
SEL
SHDN
V+
TRANSISTOR COUNT: 613
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com