Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX607 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX607
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX607 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX607 Datasheet HTML 1Page - Maxim Integrated Products MAX607 Datasheet HTML 2Page - Maxim Integrated Products MAX607 Datasheet HTML 3Page - Maxim Integrated Products MAX607 Datasheet HTML 4Page - Maxim Integrated Products MAX607 Datasheet HTML 5Page - Maxim Integrated Products MAX607 Datasheet HTML 6Page - Maxim Integrated Products MAX607 Datasheet HTML 7Page - Maxim Integrated Products MAX607 Datasheet HTML 8Page - Maxim Integrated Products MAX607 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX606/MAX607 are the smallest CMOS, step-up
DC-DC converters available for flash memory and PC
(PCMCIA) cards. They switch at up to 1MHz, permitting
the entire circuit to fit in 0.25in2, yet remain under
1.35mm high to fit Type 1, 2, and 3 card standards.
These devices operate from a 3V to 5.5V input and pro-
vide a ±4% accurate output that is preset to 5V or 12V,
or adjustable from VIN to 12.5V. They can provide up to
180mA of output current at 5V.
The MAX606 switches at up to 1MHz and fits Type 1
(thinnest standard) flash memory and PCMCIA cards. It
uses a thin, 1.19mm high, 5µH inductor and small,
0.68µF output capacitors. The entire circuit fits in
0.25in2 and is less than 1.35mm high.
The MAX607 switches at up to 500kHz, fitting Type 2
and 3 cards, as well as hand-held devices where
height requirements are not as critical. It uses less
board area than the MAX606, fitting in 0.16in2, but
requires 2.5mm of height. It also has a lower no-load
supply current than the MAX606.
Both devices use a unique control scheme that optimizes
efficiency over all input and output voltages. Other fea-
tures include 1µA logic-controlled shutdown and user-
controlled soft-start to minimize inrush currents.
The MAX606/MAX607 come in 8-pin µMAX and SO
packages. The µMAX package uses half the board
area of a standard 8-pin SO and has a maximum height
of just 1.11mm.
________________________Applications
PCMCIA Cards
Memory Cards
Single PCMCIA Slot Programming
Digital Cameras
Flash Memory Programming
Hand-Held Equipment
____________________________Features
o Lowest-Height Circuit (1.35mm max)
o ±4% Regulated Output (5V, 12V, or Adjustable)
o Up to 180mA Load Current
o 1MHz Switching Frequency (MAX606)
o 1µA Logic-Controlled Shutdown
o 3V to 5.5V Input Voltage Range
o Compact 8-Pin µMAX Package
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
LX
OUT
SS
GND
PGND
FB
SHDN
IN
MAX606
MAX607
SO/
µMAX
TOP VIEW
Pin Configuration
0.68
µF
0.68
µF
0.68
µF
x 2
0.1
µF
5
µH
MAX606
LX
OUT
SHDN
FB
GND
PGND
IN
ON/OFF
OUTPUT
12V @ 90mA
INPUT
+4.5V TO +5.5V
Typical Operating Circuit
19-0459; Rev 1; 1/99
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX607EUA
-40°C to +85°C
8 µMAX
MAX607ESA
-40°C to +85°C
8 SO
MAX606EUA
-40°C to +85°C
8 µMAX
MAX606ESA
-40°C to +85°C
8 SO
PART
TEMP. RANGE
PIN-PACKAGE


Similar Part No. - MAX607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX607 MAXIM-MAX607 Datasheet
90Kb / 4P
Tiny Surface-Mount Design
Rev 1; 1/99
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6070 MAXIM-MAX6070 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Voltage References
2020
MAX6070AAUT12 MAXIM-MAX6070AAUT12 Datasheet
2Mb / 24P
Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
More results

Similar Description - MAX607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Linear Technology
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com