Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL594G-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL594G-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 8Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-031.C
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
41
V
Amplifier Input Voltage
VIN
VCC + 0.3
V
Collector Output Voltage
VC1, VC2
41
V
Collector Output Current
IC1, IC2
250
mA
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
DIP-16
θJA
67
°C/W
SOP-16
64
Note: Maximum power dissipation is a function of TJ(MAX), θJA, and Ta. The maximum allowable power dissipation at
any allowable ambient temperature is PD = (TJ(MAX) -Ta)/θJA. Operating at the absolute maximum TJ of 150°C
can affect reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VCC
7
40
V
Amplifier Input Voltage
VIN
-0.3
VCC-2
V
Collector Output Voltage
VC1, VC2
40
V
Collector Output Current (Each Transistor)
IC1, IC2
200
mA
Current Into Feedback Terminal
lFB
0.3
mA
Timing Capacitor
CT
0.47
10000
nF
Timing Resistor
RT
1.8
500
kΩ
Oscillator Frequency
fOSC
1
300
kHz
ELECTRICAL CHARACTERISTICS ( VCC=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Output Voltage (REF)
VREF
IOUT = 1mA, Ta = 25°C
4.95
5
5.05
V
Input Regulation
∆VOUT
VCC = 7V~40V, Ta = 25°C
2
25
mV
Output Regulation
∆VOUT
IOUT = 1~10mA, Ta = 25°C
14
35
mV
Output-Voltage Change with
Temperature
∆Ta =Min~Max
2
10
mV/V
Short-Circuit Output Current (Note)
ISC
VREF = 0V
10
35
50
mA
OSCILLATOR SECTION, CT = 0.01μF, RT = 12KΩ (See Figure 1)
Frequency
fOSC
10
kHz
Standard Deviation of Frequency
(Note)
σfOSC
All values of VCC, CT, RT, and
Ta constant
100
Hz/kHz
Frequency Change With Voltage
∆fOSC(∆V)
VCC = 7V ~ 40V, Ta = 25°C
1
Hz/kHz
Frequency Change With
Temperature
∆fOSC (∆T)
∆Ta =Min~Max
50
Hz/kHz
DEAD-TIME CONTROL SECTION (See Figure 1)
Input Bias Current
IIB (DT)
VIN= 0 ~ 5.25V
-2
-10
μA
Maximum Duty Cycle, Each Output
DCMAX
DTC = 0V
0.45
Input Threshold Voltage
VTH
Zero Duty Cycle
3
3.3
V
Maximum Duty Cycle
0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com