Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL594G-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TL594G-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 8Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-031.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT SECTION
Collector-Emitter
Saturation Voltage
Common Emitter
VSAT(C)
VE=0, IC=200mA
1.1
1.3
V
Emitter Follower
VSAT(E)
VC=15V, IE=−200mA
1.5
2.5
V
Collector Off-State Current
IC(OFF)
VC=40V, VE=0V, VCC=40V
2
100
μA
DTC and Output CTRL = 0V,
VC=15V, VE=0V, VCC=1~3V
4
200
μA
Emitter Off-State Current
IE(OFF)
VCC=VC=40V, VE=0
-100
μA
Output Control Input Current
IOC
VIN=VREF
3.5
mA
PWM COMPARATOR SECTION (See Figure 1)
Input Threshold Voltage
VTH
Zero duty cycle
4
4.5
V
Input Sink Current
II(SINK)
FEEDBACK = 0.5V
0.3
0.7
mA
UNDERVOLTAGE LOCKOUT SECTION (See Figure 1)
Threshold Voltage
VTH
Ta = 25°C
6
V
∆Ta =Min~Max
3.5
6.9
V
Hysteresis
VHYS
100
mV
OVERALL DEVICE
Standby Supply Current
ISTN-BY
RT at VREF
All Other Inputs
And Outputs Open
VCC = 15V
9
15
mA
VCC = 40V
11
18
mA
Average Supply Current
DTC = 2V, See Figure 1
12.4
mA
AMPLIFIER SECTION (See Figure 2)
Input Offset Voltage, Error Amplifier
VI(OFF)
FEEDBACK = 2.5V
2
10
mV
Input Offset Current
II(OFF)
FEEDBACK = 2.5V
25
250
nA
Input Bias Current
IIB
FEEDBACK = 2.5V
0.2
1
μA
Common-Mode Input Voltage
Range, Error Amplifier
VICR
VCC=7V~40V
0.3 to
VCC-2
V
Open-Loop Voltage Amplification
Gain, Error Amplifier
AVOL
∆VOUT=3V, RL =2kΩ,
VOUT = 0.5V~3.5V
70
95
dB
Unity-Gain Bandwidth
BW
VOUT = 0.5V ~3.5V, RL =2kΩ
800
kHz
Common-Mode Rejection Ratio,
Error Amplifier
CMRR
VCC = 40V, Ta=25°C
65
80
dB
Output Sink Current, FEEDBACK
IO(SINK)
VID =-15mV~-5V,
FEEDBACK = 0.5V
0.3
0.7
mA
Output Source Current, FEEDBACK
IO(SOURCE)
VID = 15mV~5V,
FEEDBACK = 3.5V
-2
mA
SWITCHING CHARACTERISTICS, Ta = 25°C
Output-Voltage Rise Time
Tr
Emitter-Follower Configuration
(see Figure 3)
200
400
ns
Output-Voltage Fall Time
Tf
45
100
ns
Output-Voltage Rise Time
Tr
Common-Emitter Configuration
(see Figure 4)
100
200
ns
Output-Voltage Fall Time
Tf
30
100
ns
Note: Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
1
-
N
)
X
-
X
(
=
σ
2
N
1
=
n
n
∑



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com