Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL594G-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL594G-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 8Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL594
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R103-031.C
PULSE-WIDTH-MODULATION
CONTROL CIRCUIT
DESCRIPTION
The UTC TL594 is a PWM (Pulse Width Modulation) control
circuit, incorporating two error amplifiers, an on-chip adjustable
oscillator, a DTC (Deadtime Control) comparator, a pulse-steering
control flip-flop, a regulator rated 5V with 1% accuracy, an UVLO
(Undervoltage Lockout) control circuit and an output control circuit.
The two error amplifiers have a common-mode voltage varies
from -0.3 V to VCC-2 V. The DTC comparator with a fixed-offset
offers dead time nearly 5%. The UVLO circuit forbids the output until
the internal circuitry is operational. The internal oscillator is used to
drive the common circuits in synchronous multiple-rail power
supplies, when be bypassed by terminating RT to the reference
output and providing an external input of sawtooth to CT.
The uncommitted output transistors have the capabilities of either
common-emitter or emitter-follower output. The output control can
select the push-pull or single-ended output operation for each
device. This chip is not allowed to appear the double pulse status for
either output during push-pull output operation due to its structure.
The UTC TL594 is generally used for the power supply control
circuits, which apply to a large area.
FEATURES
* Adjustable dead time
* Uncommitted outputs transistor rated to 200mA sink or source
current
* Single-Ended or Push-Pull operation selected by output control
* Double pulse is not allowed at either output due to its architecture
* 5V Internal reference voltage (1% accuracy)
* UVLO under the low VCC status
DIP-16
SOP-16
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
TL594L-D16-T
TL594G-D16-T
DIP-16
Tube
-
TL594G-S16-R
SOP-16
Tape Reel


Similar Part No. - TL594G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL594G-S16-R UTC-TL594G-S16-R Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594G-S16-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com