Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL594G-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  TL594G-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 8Page - Unisonic Technologies TL594G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R103-031.C
PARAMETER MEASUREMENT INFORMATION
50kΩ
12kΩ
VCC=15V
12
VCC
C1
E1
C2
E2 10
11
9
8
4
3
DTC
FEEDBACK
6
5
RT
CT
1
2
16
15
IN+
IN+
IN-
IN-
13
Error
Amplifiers
GND
7
14
REF
Output CTRL
Test Input
Test Input
Output 1
Output 2
150Ω
2W
150Ω
2W
0.01μF
Figure 1. Operational Test Circuit
Figure 2. Amplifier-Characteristics Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com